Electronic Components Datasheet Search
  English  ▼

X  

FDMF8811 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDMF8811
Description  High Performance 100V Bridge Power Stage Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF8811 Datasheet(HTML) 2 Page - ON Semiconductor

  FDMF8811 Datasheet HTML 1Page - ON Semiconductor FDMF8811 Datasheet HTML 2Page - ON Semiconductor FDMF8811 Datasheet HTML 3Page - ON Semiconductor FDMF8811 Datasheet HTML 4Page - ON Semiconductor FDMF8811 Datasheet HTML 5Page - ON Semiconductor FDMF8811 Datasheet HTML 6Page - ON Semiconductor FDMF8811 Datasheet HTML 7Page - ON Semiconductor FDMF8811 Datasheet HTML 8Page - ON Semiconductor FDMF8811 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
© Semiconductor Components Industries, LLC, 2016
1
Publication Order Number:
March 2017 - Rev. P0
FDMF8811
FDMF8811
High Performance 100V Bridge Power
Stage Module
The 100V Bridge Power Stage (BPS) Module is a fully optimized,
compact, integrated MOSFET plus driver power stage solutions for high
current DC-DC switching applications. The FDMF8811 integrates a
driver IC, two power MOSFETs and a bootstrap diode into a thermally
enhanced, compact 6.0 mm x 7.5 mm PQFN package. The PQFN
packaging ensures low package resistance improving the current handling
capability and performance of the part.
With an integrated approach, the complete switching power stage is
optimized with regards to driver and MOSFET dynamic performance,
system parasitic inductance, and Power MOSFET RDS(ON). The
FDMF8811 uses high performance PowerTrench
TM MOSFET
technology, which reduces switch ringing in converter applications. The
driver IC features low delay time and matched PWM input propagation
delays, which further enhance the performance of the part.
Features
Compact size – 6.0 mm x7.5 mm PQFN
High current handling: 20A
>97% system efficiency at 600W full bridge applications PSRR
value
Wide driver power supply range: 8V to 14V
Internal pull-down resistors for PWM inputs (HI,LI)
3.3V/TTL compatible input thresholds
Short PWM propagation delays
Drive power supply Under-voltage lockout (UVLO)
Integrated 100V Half-Bridge gate driver with 1ohm Bootstrap diode
Low Inductance and low resistance packaging for minimal operating
p
lower losses
100V PowerTrench® MOSFETs for clean switching waveforms
Typical Applications
Telecom Half / full - Bridge DC-DC converters
Two-Switch Forward Converters
Intermediate Bus Converters
Brick Converters
High-current DC-DC Point of Load (POL) converters.
www.onsemi.com
PACKAGE
MARKING
PICTURE
DIAGRAM
DGWWAA
FDMF
8811
36 Lead PQFN
D=Assembly Plant Code
G= Year Code
WW=Work Week
AA= Lot Code
FDMF8811= Specific Device Code
Pin Connections
ORDERING INFORMATION
See detailed ordering and shipping information in the
package dimensions section on page 13 of this data sheet.
PGND
PGND
VIN
VIN
VIN
PGND
PGND
LO
LO
VDD
VSS
PGND
LI
NC
HI
NC
PGND
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
21
20
19
18
26
25
24
23
22
17
16
15
14
13
12
27
28
29
30
31
32
33
34
35
36
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com