Electronic Components Datasheet Search
  English  ▼

X  

T98 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # T98
Description  Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Built-in-Fuse, Conformal Coated Case
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T98 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button T98 Datasheet HTML 2Page - Vishay Siliconix T98 Datasheet HTML 3Page - Vishay Siliconix T98 Datasheet HTML 4Page - Vishay Siliconix T98 Datasheet HTML 5Page - Vishay Siliconix T98 Datasheet HTML 6Page - Vishay Siliconix T98 Datasheet HTML 7Page - Vishay Siliconix T98 Datasheet HTML 8Page - Vishay Siliconix T98 Datasheet HTML 9Page - Vishay Siliconix T98 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Conformal Coated Guide
www.vishay.com
Vishay Sprague
Revision: 12-Sep-17
3
Document Number: 40150
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
COMMERCIAL PRODUCTS
SOLID TANTALUM CAPACITORS - CONFORMAL COATED
SERIES
592W
592D
591D
595D
594D
PRODUCT IMAGE
TYPE
Surface mount TANTAMOUNT™ chip, conformal coated
FEATURES
Low profile, robust
design for use in
pulsed applications
Low profile,
maximum CV
Low profile, low ESR,
maximum CV
Maximum CV
Low ESR,
maximum CV
TEMPERATURE
RANGE
-55 °C to +125 °C
(above 40 °C, voltage
deratig is required)
-55 °C to +125 °C (above 85 °C, voltage derating is required)
CAPACITANCE
RANGE
330 μF to 2200 μF
1 μF to 2200 μF
1 μF to 1500 μF
0.1 μF to 1500 μF
1 μF to 1500 μF
VOLTAGE RANGE
6 V to 10 V
4 V to 50 V
4 V to 50 V
4 V to 50 V
4 V to 50 V
CAPACITANCE
TOLERANCE
± 20 %
± 10 %, ± 20 %
± 10 %, ± 20 %
± 10 %, ± 20 %
± 10 %, ± 20 %
LEAKAGE
CURRENT
0.01 CV or 0.5 μA, whichever is greater
DISSIPATION
FACTOR
14 % to 45 %
4 % to 50 %
4 % to 50 %
4 % to 20 %
4 % to 20 %
CASE CODES
C, M, X
S, A, B, C, D, R, M, X
A, B, C, D, R, M
T, S, A, B, C,
D, G, M, R
B, C, D, R
TERMINATION
100 % matte tin
100 % matte tin standard, tin / lead and gold plated available
SOLID TANTALUM CAPACITORS - CONFORMAL COATED
SERIES
597D
572D
695D
195D
194D
PRODUCT IMAGE
TYPE
TANTAMOUNT™ chip, conformal coated
FEATURES
Ultra low ESR,
maximum CV,
multi-anode
Low profile,
maximum CV
Pad compatible with
194D and CWR06
US and European
case sizes
Industrial version of
CWR06 / CWR16
TEMPERATURE
RANGE
-55 °C to +125 °C (above 85 °C, voltage derating is required)
CAPACITANCE
RANGE
10 μF to 1500 μF
2.2 μF to 220 μF
0.1 μF to 270 μF
0.1 μF to 330 μF
0.1 μF to 330 μF
VOLTAGE RANGE
4 V to 75 V
4 V to 35 V
4 V to 50 V
2 V to 50 V
4 V to 50 V
CAPACITANCE
TOLERANCE
± 10 %, ± 20 %
LEAKAGE
CURRENT
0.01 CV or 0.5 μA, whichever is greater
DISSIPATION
FACTOR
6 % to 20 %
6 % to 26 %
4 % to 8 %
4 % to 8 %
4 % to 10 %
CASE CODES
V, D, E, R, F, Z, M, H
P, Q, S, A, B, T
A, B, D, E, F, G, H
C, S, V, X, Y, Z, R,
A, B, D, E, F, G, H
A, B, C, D, E, F, G, H
TERMINATION
100 % matte tin
standard, tin / lead
solder plated
available
100 % matte tin
standard, gold plated
available
100 % matte tin standard,
tin / lead and gold plated available
Gold plated standard;
tin / lead solder plated
and hot solder
dipped available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com