Electronic Components Datasheet Search
  English  ▼

X  

T98 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T98
Description  Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Built-in-Fuse, Conformal Coated Case
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T98 Datasheet(HTML) 3 Page - Vishay Siliconix

  T98 Datasheet HTML 1Page - Vishay Siliconix T98 Datasheet HTML 2Page - Vishay Siliconix T98 Datasheet HTML 3Page - Vishay Siliconix T98 Datasheet HTML 4Page - Vishay Siliconix T98 Datasheet HTML 5Page - Vishay Siliconix T98 Datasheet HTML 6Page - Vishay Siliconix T98 Datasheet HTML 7Page - Vishay Siliconix T98 Datasheet HTML 8Page - Vishay Siliconix T98 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
T98
www.vishay.com
Vishay Sprague
Revision: 22-Jun-17
3
Document Number: 40119
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
35 VDC AT +85 °C; 23 VDC AT +125 °C
47
R
T98R476(1)035(2)(3)(4)
16.5
6
200
1.1
50 VDC AT +85 °C; 33 VDC AT +125 °C
47
Z
T98Z476(1)050(2)(3)(4)
23.5
6
245
1.0
63 VDC AT +85 °C; 42 VDC AT +125 °C
22
F
T98F226(1)063(2)(3)(4)
13.9
6
350
0.8
75 VDC AT +85 °C; 50 VDC AT +125 °C
10
R
T98R106(1)075(2)(3)(4)
7.5
6
600
0.6
POWER DISSIPATION
CASE CODE
MAXIMUM PERMISSIBLE POWER DISSIPATION AT +25 °C (W) IN FREE AIR
V
0.140
E
0.215
R
0.250
F
0.250
Z
0.265
M
0.250
H
0.265
STANDARD PACKAGING QUANTITY
CASE CODE
UNITS PER REEL
7" FULL REEL
7" HALF REEL
VTBD
ETBD
R
300
150
F
250
125
Z
150
75
M
200
100
HTBD
PRODUCT INFORMATION
Conformal Coated Guide
www.vishay.com/doc?40150
Pad Dimensions
Packaging Dimensions
Moisture Sensitivity
www.vishay.com/doc?40135
SELECTOR GUIDES
Solid Tantalum Selector Guide
www.vishay.com/doc?49053
Solid Tantalum Chip Capacitors
www.vishay.com/doc?40091
FAQ
Frequently Asked Questions
www.vishay.com/doc?40110
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER (1)
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz (%)
MAX. ESR
AT +25 °C
100 kHz (m
Ω)
MAX. RIPPLE
100 kHz
IRMS (A)
Notes
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Termination and packaging: C, E, H, L
(3) Reliability level: S, Z
(4) Surge current: A, B, S
(1) Contact factory for availability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com