Electronic Components Datasheet Search
  English  ▼

X  

T98 Datasheet(PDF) 16 Page - Vishay Siliconix

Part # T98
Description  Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Built-in-Fuse, Conformal Coated Case
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T98 Datasheet(HTML) 16 Page - Vishay Siliconix

Back Button T98 Datasheet HTML 10Page - Vishay Siliconix T98 Datasheet HTML 11Page - Vishay Siliconix T98 Datasheet HTML 12Page - Vishay Siliconix T98 Datasheet HTML 13Page - Vishay Siliconix T98 Datasheet HTML 14Page - Vishay Siliconix T98 Datasheet HTML 15Page - Vishay Siliconix T98 Datasheet HTML 16Page - Vishay Siliconix T98 Datasheet HTML 17Page - Vishay Siliconix T98 Datasheet HTML 18Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Typical Performance Characteristics
www.vishay.com
Vishay Sprague
Revision: 21-Jun-17
2
Document Number: 40209
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
•
At +25 °C, the leakage current shall not exceed the value listed in the Standard Ratings table
•
At +85 °C, the leakage current shall not exceed 10 times the value listed in the Standard Ratings table
•
At +125 °C, the leakage current shall not exceed 12 times the value listed in the Standard Ratings table
TYPICAL LEAKAGE CURRENT - TEMPERATURE FACTOR
ENVIRONMENTAL PERFORMANCE CHARACTERISTICS
ITEM
CONDITION
POST TEST PERFORMANCE
Surge voltage
MIL-PRF-55365
1000 successive test cycles at 85 °C of surge
voltage (as specified in the table above), in
series with a 33
Ω resistor at the rate of
30 s ON, 30 s OFF
Capacitance change
Dissipation factor
Leakage current
Within ± 10 % of initial value
Initial specified limit
Initial specified limit
Life test at +85 °C
MIL-STD-202, method 108
1000 h application of rated voltage at 85 °C
Capacitance change
Dissipation factor
Leakage current
Within ± 10 % of initial value
Initial specified limit
Shall not exceed 125 % of initial limit
Life test at +125 °C
MIL-STD-202, method 108
1000 h application 2/3 of rated voltage at 125 °C
Capacitance change
Dissipation factor
Leakage current
Within ± 10 % of initial value
Initial specified limit
Shall not exceed 125 % of initial limit
Moisture resistance
MIL-STD-202, method 106 at rated voltage,
20 cycles
Capacitance change
Dissipation factor
Leakage current
Within ± 15 % of initial value
Shall not exceed 150 % of initial limit
Shall not exceed 200 % of initial limit
Stability at low and
high temperatures
MIL-PRF-55365
Delta cap limit at -55 °C, 85 °C is ± 10 % of initial value
Delta cap limit at 125 °C is ± 15 % of initial value
Delta cap at step 3 and final step 25 °C is ± 10 %
DCL at 85 °C: 10 x initial specified value
DCL at 125 °C: 12 x initial specified value
DCL at 25 °C: initial specified value at RV
Thermal shock
MIL-STD-202, method 107
At -55 °C / +125 °C, for 5 cycles,
30 min at each temperature
Capacitance change
Dissipation factor
Leakage current
Within ± 10 % of initial value
Initial specified limit
Initial specified limit
Percent of Rated Voltage
100
10
1.0
0.1
0.01
0.001
0
10
20
30
40
50
60
70
80
90
100
+125 °C
+85 °C
+55 °C
+25 °C
-55 °C
0 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com