| Electronic Components Datasheet Search |
|
AD6649EBZ Datasheet(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD6649EBZ Datasheet(HTML) 8 Page - Analog Devices |
|
8 / 41 page ![]() Data Sheet AD6649 Rev. C | Page 7 of 40 Parameter Temperature Min Typ Max Unit LOGIC INPUTS (OEB, PDWN)3 High Level Input Voltage Full 1.22 2.1 V Low Level Input Voltage Full 0 0.6 V High Level Input Current Full 45 70 µA Low Level Input Current Full −5 +5 µA Input Resistance Full 26 kΩ Input Capacitance Full 5 pF DIGITAL OUTPUTS FDA and FDB High Level Output Voltage IOH = 50 µA Full 1.79 V IOH = 0.5 mA Full 1.75 V Low Level Output Voltage IOL = 1.6 mA Full 0.2 V IOL = 50 µA Full 0.05 V LVDS Data and OR Outputs Differential Output Voltage (VOD), ANSI Mode Full 250 350 450 mV Output Offset Voltage (VOS), ANSI Mode Full 1.15 1.22 1.35 V Differential Output Voltage (VOD), Reduced Swing Mode Full 150 200 280 mV Output Offset Voltage (VOS), Reduced Swing Mode Full 1.15 1.22 1.35 V 1 A −1.0 dBFS input level at the analog inputs corresponds to an output level of −2.5 dBFS when using the fixed-frequency NCO and 95 MHz FIR filter. When using the tunable-frequency NCO and 100 MHz FIR filter, the output level is −1.3 dBFS. These respective output level reductions are due to FIR filter losses. See the FIR Filters section for more details. 2 Pull-up. 3 Pull-down. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |