Electronic Components Datasheet Search
  English  ▼

X  

AD9864BCPZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9864BCPZ
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864BCPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9864BCPZ Datasheet HTML 4Page - Analog Devices AD9864BCPZ Datasheet HTML 5Page - Analog Devices AD9864BCPZ Datasheet HTML 6Page - Analog Devices AD9864BCPZ Datasheet HTML 7Page - Analog Devices AD9864BCPZ Datasheet HTML 8Page - Analog Devices AD9864BCPZ Datasheet HTML 9Page - Analog Devices AD9864BCPZ Datasheet HTML 10Page - Analog Devices AD9864BCPZ Datasheet HTML 11Page - Analog Devices AD9864BCPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
Data Sheet
AD9864
Rev. A | Page 7 of 47
PIN CONFIGURATION AND FUNCTIONAL DESCRIPTIONS
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AD9864
1
MXOP
36
GNDL
2
MXON
NOTES
1. EXPOSED PAD. THE BACKSIDE PADDLE CONTACT IS NOT CONNECTED TO GROUND.
A PCB GROUND PAD IS OPTIONAL.
35
FREF
3
GNDF
34
GNDS
4
IF2N
33
SYNCB
5
IF2P
32
GNDH
6
VDDF
31
FS
7
GCP
30
DOUTB
8
GCN
29
DOUTA
9
VDDA
28
CLKOUT
10
GNDA
27
VDDH
11
VREFP
26
VDDD
12
VREFN
25
PE
48
13
42
19
43
18
44
17
45
16
46
15
47
14
41
20
40
21
39
22
38
23
37
24
Figure 2. 48-Lead LFCSP Pin Configuration
Table 5. 48-Lead Lead Frame Chip Scale Package (LFCSP) Pin Function Descriptions
Pin No.
Mnemonic
Description
1
MXOP
Mixer Output, Positive.
2
MXON
Mixer Output, Negative.
3
GNDF
Ground for Front End of ADC.
4
IF2N
Second IF Input (to ADC), Negative.
5
IF2P
Second IF Input (to ADC), Positive.
6
VDDF
Positive Supply for Front End of ADC.
7
GCP
Filter Capacitor for ADC Full-Scale Control.
8
GCN
Full-Scale Control Ground.
9
VDDA
Positive Supply for ADC Back End.
10
GNDA
Ground for ADC Back End.
11
VREFP
Voltage Reference, Positive.
12
VREFN
Voltage Reference, Negative.
13
RREF
Reference Resistor: Requires 100 kΩ to GNDA.
14
VDDQ
Positive Supply for Clock Synthesizer.
15
IOUTC
Clock Synth Charge Pump Out Current.
16
GNDQ
Ground for Clock Synthesizer Charge Pump.
17
VDDC
Positive Supply for Clock Synthesizer.
18
GNDC
Ground for Clock Synthesizer.
19
CLKP
Sampling Clock Input/Clock VCO Tank, Positive.
20
CLKN
Sampling Clock Input/Clock VCO Tank, Negative.
21
GNDS
Substrate Ground.
22
GNDD
Ground for Digital Functions.
23
PC
Clock Input for SPI Port.
24
PD
Data I/O for SPI Port.
25
PE
Enable Input for SPI Port.
26
VDDD
Positive Supply for Internal Digital.
27
VDDH
Positive Supply for Digital Interface.
28
CLKOUT
Clock Output for SSI Port.
29
DOUTA
Data Output for SSI Port.
30
DOUTB
Data Output for SSI Port (Inverted) or SPI Port.
31
FS
Frame Sync for SSI Port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com