Electronic Components Datasheet Search
  English  ▼

X  

AD9864BCPZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD9864BCPZ
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864BCPZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9864BCPZ Datasheet HTML 13Page - Analog Devices AD9864BCPZ Datasheet HTML 14Page - Analog Devices AD9864BCPZ Datasheet HTML 15Page - Analog Devices AD9864BCPZ Datasheet HTML 16Page - Analog Devices AD9864BCPZ Datasheet HTML 17Page - Analog Devices AD9864BCPZ Datasheet HTML 18Page - Analog Devices AD9864BCPZ Datasheet HTML 19Page - Analog Devices AD9864BCPZ Datasheet HTML 20Page - Analog Devices AD9864BCPZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
AD9864
Data Sheet
Rev. A | Page 16 of 47
Address
(Hex)
Bit(s)
Width
Default
Value
Name
Description
0x14
6
1
0
CKF
Enable fast acquire.
5
1
0
CKINV
Invert charge pump (0 = source current to increase VCO frequency).
[4:2]
3
0x00
CKI
Charge pump current in normal operation. IPUMP = (CKI + 1) × 0.625 mA.
[1:0]
2
0x03
CKTM
Manual control of CLK charge pump (0 = off, 1 = up, 2 = down, and
3 = normal).
0x15
[5:0]
6
0x00
CKFA [13:8]
CK fast acquire time unit (6 LSBs of a 14-bit word).
0x16
[7:0]
8
0x04
CKFA [7:0]
CK fast acquire time unit (8 LSBs of a 14-bit word).
SSI Control
0x18
[7:0]
8
0x12
SSICRA
SSI Control Register A. See the SSI Control Registers section. Default is
FS and CLKOUT three-stated.
0x19
[7:0]
8
0x07
SSICRB
SSI Control Register B. See the SSI Control Registers section (16-bit data,
maximum drive strength).
0x1A
[3:0]
4
0x01
SSIORD
Output rate divisor. fCLKOUT = fCLK/SSIORD.
ADC Tuning
0x1C
1
1
0
TUNE_LC
Perform tuning on LC portion of the ADC (cleared when done).
0
1
0
TUNE_RC
Perform tuning on RC portion of the ADC (cleared when done).
0x1D
[3:0]
3
0x00
CAPL1 [2:0]
Coarse capacitance setting of LC tank (LSB is 25 pF, differential).
0x1E
[5:0]
6
0x00
CAPL0 [5:0]
Fine capacitance setting of LC tank (LSB is 0.4 pF, differential).
0x1F
[7:0]
8
0x00
CAPR
Capacitance setting for RC resonator (64 LSB of fixed capacitance).
Test Registers and SPI Port Read Enable
0x37
[7:0]
8
0x00
TEST
Factory test mode. Do not use.
0x38
[7:1]
7
0x00
TEST
Factory test mode. Do not use.
0
1
0
DACCR
Manual feedback DAC control
0x39
[7:0]
8
0x00
DACDATA
Feedback DAC data setting in manual mode.
0x3A
[7:4]
4
0x00
TEST
Factory test mode. Do not use.
3
1
0
SPIREN
Enable read from SPI port.
[2:0]
3
0x00
TEST
Factory test mode. Do not use.
0x3B
[7:4]
4
0x00
TEST
Factory test mode. Do not use.
3
1
0
TRI
Three-state DOUTB.
[2:0]
3
0x00
TEST
Factory test mode. Do not use.
0x3C to
0x3D
[7:0]
8
0x00
TEST
Factory test mode. Do not use.
0x3E
7
1
0
TEST
Factory test mode. Do not use.
6
1
0
OVL
ADC overload detector.
[5:3]
3
0
TEST
Factory test mode. Do not use.
2
2
0
RC_Q
RC Q enhancement.
1
1
0
RC_BYP
Bypass RC resonator.
0
1
0
SC_BYP
Bypass SC resonators.
0x3F
[7:0]
8
Subject
to change
ID
Revision ID (read-only). A write of 0x99 to this register is equivalent to a
power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com