Electronic Components Datasheet Search
  English  ▼

X  

AD9864-EBZ Datasheet(PDF) 41 Page - Analog Devices

Part # AD9864-EBZ
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864-EBZ Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9864-EBZ Datasheet HTML 37Page - Analog Devices AD9864-EBZ Datasheet HTML 38Page - Analog Devices AD9864-EBZ Datasheet HTML 39Page - Analog Devices AD9864-EBZ Datasheet HTML 40Page - Analog Devices AD9864-EBZ Datasheet HTML 41Page - Analog Devices AD9864-EBZ Datasheet HTML 42Page - Analog Devices AD9864-EBZ Datasheet HTML 43Page - Analog Devices AD9864-EBZ Datasheet HTML 44Page - Analog Devices AD9864-EBZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
AD9864
Data Sheet
Rev. A | Page 40 of 47
EXTERNAL PASSIVE COMPONENT REQUIREMENTS
Figure 72 shows an example circuit using the AD9864 and
Table 23 shows the nominal dc bias voltages seen at the different
pins. The purpose is to show the various external passive
components required by the AD9864, along with nominal dc
voltages for troubleshooting purposes.
MXOP
MXON
GNDF
IF2N
IF2P
VDDF
GCP
GCN
VDDA
GNDA
VREFP
VREFN
GNDL
FREF
GNDS
SYNCB
GNDH
FS
DOUTB
DOUTA
CLKOUT
VDDH
VDDD
PE
48 47 46 45 44 43 42 41 40 39 38 37
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
25
26
27
28
29
30
31
32
33
34
35
36
AD9864
50Ω
180pF
100pF
100
pF
2.2nF
100pF
10nF
100pF
100kΩ
10nF
10nF
Figure 72. Example Circuit Showing Recommended Component Values
Table 23. Nominal DC Bias Voltages
Pin Number
Mnemonic
Nominal DC Bias (V)
1
MXOP
VDDI − 0.2
2
MXON
VDDI − 0.2
4
IF2N
1.3 − 1.7
5
IF2P
1.3 − 1.7
11
VREFP
VDDA/2 + 0.250
12
VREFN
VDDA/2 − 0.250
13
RREF
1.2
19
CLKP
VDDC − 1.3
20
CLKN
VDDC − 1.3
35
FREF
VDDC/2
41
CXVM
1.6 − 2.0
42
LON
1.65 − 1.9
43
LOP
1.65 − 1.9
44
CXVL
VDDI − 0.05
46
CXIF
1.6 − 2.0
47
IFIN
0.9 − 1.1
The LO, CLK, and IFIN signals are coupled to their respective
inputs using 10 nF capacitors. The output of the mixer is
coupled to the input of the ADC using 100 pF. An external
100 kΩ resistor from the RREF pin to GND sets up the internal
bias currents of the AD9864. VREFP and VREFN provide a
differential reference voltage to the Σ-∆ ADC of the AD9864,
and must be decoupled by a 0.01 µF differential capacitor along
with two 100 pF capacitors to GND. The remaining capacitors
are used to decouple other sensitive internal nodes to GND.
Note that SYNCB is tied to VDDH because it is unused.
Although power supply decoupling capacitors are not shown, it
is recommended that a 0.1 µF surface-mount capacitor be
placed as close as possible to each power supply pin for
maximum effectiveness. Also not shown is the input impedance
matching network used to match the IF input of the AD9864 to
the external IF filter. Lastly, the loop filter components
associated with the LO and CLK synthesizers are not shown.
LC component values for fCLK = 18 MHz are given in Figure 72.
For other clock frequencies, the two inductors and the capacitor
of the LC tank must be scaled in inverse proportion to the
clock. For example, if fCLK = 26 MHz, the two inductors must be
6.9 µH and the capacitor must be approximately 120 pF. A
tolerance of 10% is sufficient for these components because
tuning of the LC tank is performed upon system startup.
APPLICATIONS
Superheterodyne Receiver Example
The AD9864 is well suited for analog and/or digital narrow-
band radio systems based on a superheterodyne receiver
architecture. The superheterodyne architecture is noted for
achieving exceptional dynamic range and selectivity by using
two or more downconversion stages to provide amplification of
the target signal while filtering the undesired signals. The
AD9864 greatly simplifies the design of these radio systems by
integrating the complete IF strip (excluding the LO VCO) while
providing an I/Q digital output (along with other system
parameters) for the demodulation of both analog and digital
modulated signals. The exceptional dynamic range of the
AD9864 often simplifies the IF filtering requirements and
eliminates the need for an external AGC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com