Electronic Components Datasheet Search
  English  ▼

X  

AD9864-EBZ Datasheet(PDF) 42 Page - Analog Devices

Part # AD9864-EBZ
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864-EBZ Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9864-EBZ Datasheet HTML 38Page - Analog Devices AD9864-EBZ Datasheet HTML 39Page - Analog Devices AD9864-EBZ Datasheet HTML 40Page - Analog Devices AD9864-EBZ Datasheet HTML 41Page - Analog Devices AD9864-EBZ Datasheet HTML 42Page - Analog Devices AD9864-EBZ Datasheet HTML 43Page - Analog Devices AD9864-EBZ Datasheet HTML 44Page - Analog Devices AD9864-EBZ Datasheet HTML 45Page - Analog Devices AD9864-EBZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
Data Sheet
AD9864
Rev. A | Page 41 of 47
RF
INPUT
PRESELECT
FILTER
TUNER
IF CRYSTAL OR
SAW FILTER
VDDA
Σ-∆ ADC
LNA
VCO
ADF42xx
PLL SYN
REFIN
TO
DSP
AD9864
DECIMATION
FILTER
SAMPLE CLOCK
SYNTHESIZER
LOOP
FILTER
VCO
LOOP
FILTER
VDDC
FROM DSP
LO
SYNTH.
VOLTAGE
REFERENCE
SPI
CRYSTAL
OSCILLATOR
IFIN
–16dB
LNA
DAC AGC
FORMATTING/SSI
DOUTA
DOUTB
FS
CLKOUT
CONTROL LOGIC
IF2 =
fCLK/8
Figure 73. Typical Dual Conversion Superheterodyne Application Using the AD9864
Figure 73 shows a typical dual conversion superheterodyne
receiver using the AD9864. An RF tuner is used to select and
downconvert the target signal to a suitable first IF for the
AD9864. A preselect filter may precede the tuner to limit the RF
input to the band of interest. The output of the tuner drives an
IF filter that provides partial suppression of adjacent channels
and interferers that could otherwise limit the dynamic range of
the receiver. Set the conversion gain of the tuner such that the
peak IF input signal level into the AD9864 is no greater than
−18 dBm to prevent clipping. The AD9864 downconverts the
first IF signal to a second IF that is exactly 1/8 of the clock rate
of the Σ-Δ ADC (fCLK/8) to simplify the digital quadrature
demodulation process.
This second IF signal is then digitized by the Σ-Δ ADC,
demodulated into its quadrature I and Q components, filtered
via matching decimation filters, and reformatted to enable a
synchronous serial interface to a DSP. In this example, the LO
and CLK synthesizers of the AD9864 are both enabled,
requiring some additional passive components (for the loop
filters and CLK oscillator of the synthesizer) and a VCO for the
LO synthesizer. Note that not all of the required decoupling
capacitors are shown. See the External Passive Component
Requirements section and Figure 72 for more information on
required external passive components.
The selection of the first IF frequency is often based on the
availability of low cost standard crystal or SAW filters as well as
system frequency planning considerations. In general, crystal
filters are often used for narrow-band radios having channel
bandwidths below 50 kHz with IFs below 120 MHz, while SAW
filters are more suited for channel bandwidths greater than
50 kHz with IFs greater than 70 MHz. The ultimate stop-band
rejection required by the IF filter depends on how much
suppression is required at the AD9864 image band resulting
from downconversion to the second IF. This image band is
offset from the first IF by twice the second IF frequency
(± fCLK/4, depending on high-side or low-side injection).
The selectivity and bandwidth of the IF filter depends on both
the magnitude and frequency offset(s) of the adjacent channel
blocker(s) that could overdrive the input of the AD9864 or
generate in-band intermodulation components. Further
suppression is performed within the AD9864 by its inherent
band-pass response and digital decimation filters. Note that
some applications require additional application-specific
filtering performed in the DSP that follows the AD9864 to
remove the adjacent channel and/or implement a matched filter
for optimum signal detection.
Choose the output data rate of the AD9864, fOUT, to be at least
twice the bandwidth or symbol rate of the desired signal to ensure
that the decimation filters provide a flat pass-band response as
well as to allow for postprocessing by a DSP. After fOUT is
determined, the decimation factor of the digital filters must be
set such that the input clock rate, fCLK, falls between the AD9864



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com