Electronic Components Datasheet Search
  English  ▼

X  

AD9874 Datasheet(PDF) 38 Page - Analog Devices

Part # AD9874
Description  IF Digitizing Subsystem
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9874 Datasheet HTML 33Page - Analog Devices AD9874 Datasheet HTML 34Page - Analog Devices AD9874 Datasheet HTML 35Page - Analog Devices AD9874 Datasheet HTML 36Page - Analog Devices AD9874 Datasheet HTML 37Page - Analog Devices AD9874 Datasheet HTML 38Page - Analog Devices AD9874 Datasheet HTML 39Page - Analog Devices AD9874 Datasheet HTML 40Page - Analog Devices AD9874 Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
REV. A
AD9874
–37–
Split Path Rx Architecture
A split path Rx architecture may be attractive for those applica-
tions whose instantaneous dynamic range requirements exceed
the capability of a single AD9874 device. To cope with these
higher dynamic range requirements, two AD9874s can be oper-
ated in parallel with their respective clip points offset by a fixed
amount. Adding a fixed amount of attenuation in front of the
AD9874 and/or programming the attenuation setting of its
internal VGA can adjust the input-referred clip point. To save
power and simplify hardware, the LO and CLK circuits of the
device can also be shared. Connecting the SYNCB pins of the two
devices and pulsing this line low synchronizes the two devices.
An example of this concept for possible use in a GSM base station
is shown in Figure 29. The signal chain consists of a high linearity
RF front end and IF stage followed by two AD9874s operating in
parallel. The RF front end consists of a duplexer and preselect
filter to pass the GSM RF band of interest. A high performance
LNA isolates the duplexer from the preselect filter while providing
sufficient gain to minimize system NF. An RF mixer is used to
downconvert the entire GSM band to a suitable IF, where much of
the channel selectivity is accomplished. The 170.6 MHz IF is
chosen to avoid any self-induced spurs from the AD9874. The IF
stage consists of two SAW filters isolated by a 15 dB gain stage.
The cascaded SAW filter response must provide sufficient
blocker rejection in order for the receiver to meet its sensitivity
requirements under worst-case blocker conditions. A composite
response having 27 dB, 60 dB, and 100 dB rejection at frequency
offsets of
0.8 MHz,
1.6 MHz, and
6.5 MHz, respectively,
provides enough blocker suppression to ensure that the AD9874
with the lower clip point will not be overdriven by any blocker.
This configuration results in the best possible receiver sensitivity
under all blocking conditions.
The output of the last SAW filters drives the two AD9874s via a
direct signal path and an attenuated signal path. The direct path
corresponds to the AD9874 having the lowest clip point and
provides the highest receiver sensitivity with a system noise
figure of 4.7 dB. The VGA of this device is set for maximum
attenuation, so its clip point is approximately –17 dBm. Since
conversion gain from the antenna to the AD9874 is 19 dB, the
digital output of this path will nominally be selected unless the
target signal’s power exceeds –36 dBm at the antenna. The
attenuated path corresponds to the AD9874 having the highest
input-referred clip point, and its digital output point of this path
is set to 7 dBm by inserting a 30 dB attenuator and setting the
AD9874’s VGA to the middle of its 12 dB range. This setting
VCO
LNA
X
MIXER
IF SAW 1
IF SAW 2
DUPLEXER PRESELECT
GAIN = –2dB
NF = 2dB
GAIN = 22dB
NF = 1dB
GAIN = –3dB
NF = 3dB
GAIN = 5dB
NF = 12dB
IF
AMP
GAIN = –9dB
NF = –9dB
GAIN = 15dB
NF = 2dB
13MHz
DSP
OR
ASIC
36dB
PAD
25
23
24
PE
PC
PD
33
SYNCB
31
FS
29
28
DOUTA
CLKOUT
35
19
20
CLKP
CLKN
LOP
LON
43
42
47
15
AD9874
MASTER
LOOP
FILTER
15
IOUTC
25
23
24
PE
PC
PD
35
LOP
LON
43
42
IFIN
47
AD9874
SLAVE
31
FS
29
28
DOUTA
CLKOUT
33
SYNCB
19
20
CLKP
CLKN
IOUTL
LOOP
FILTER
CVAR
RD
RF
CP
CZ
0.1 F
LOSC
RBIAS
COSC
VDDC
IFIN
38
IOUTC
ATTENUATED PATH WITH
CLIP POINT = 7.0dBm
DIRECT PATH WITH
CLIP POINT = –17dBm
fREF
fREF
Figure 29. Example of Split Path Rx Architecture to Increase Receiver Dynamic Range Capabilities



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com