Electronic Components Datasheet Search
  English  ▼

X  

AD9874 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9874
Description  IF Digitizing Subsystem
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9874 Datasheet HTML 24Page - Analog Devices AD9874 Datasheet HTML 25Page - Analog Devices AD9874 Datasheet HTML 26Page - Analog Devices AD9874 Datasheet HTML 27Page - Analog Devices AD9874 Datasheet HTML 28Page - Analog Devices AD9874 Datasheet HTML 29Page - Analog Devices AD9874 Datasheet HTML 30Page - Analog Devices AD9874 Datasheet HTML 31Page - Analog Devices AD9874 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
REV. A
AD9874
–27–
Figures 16a and 16b show expanded views of the pass band for the
two possible configurations of the third decimation filter. When
decimating by 60n (K = 0), the pass-band gain variation is 1.2 dB;
when decimating by 48n (K = 1), the pass-band gain variation is
0.9 dB. Normalization of full scale at band center is accurate to
within 0.14 dB across all decimation modes. Figures 17a and 17b
show the folded frequency response of the decimator for K = 0
and K = 1, respectively.
NORMALIZED FREQUENCY – RELATIVE TO
fOUT
0
3
0.250
0.125
2
1
0
–1
–2
–3
PASS-BAND GAIN FREQUENCY = 1.2dB
Figure 16a. Pass-Band Frequency Response of
the Decimator for K = 0
NORMALIZED FREQUENCY – RELATIVE TO
fOUT
0
3
0.250
0.125
2
1
0
–1
–2
–3
PASS-BAND GAIN VARIATION = 0.9dB
Figure 16b. Pass-Band Frequency Response of
the Decimator for K = 1
NORMALIZED FREQUENCY – RELATIVE TO
fOUT
0
0
0.50
0.25
–20
–40
–60
–80
–100
–120
MIN ALIAS ATTN = 87.7dB
Figure 17a. Folded Decimator Frequency Response for K = 0
NORMALIZED FREQUENCY – RELATIVE TO
fOUT
0
0
0.50
0.25
–20
–40
–60
–80
–100
–120
MIN ALIAS ATTN = 97.2dB
Figure 17b. Folded Decimator Frequency Response for K = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com