Electronic Components Datasheet Search
  English  ▼

X  

AD9874 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9874
Description  IF Digitizing Subsystem
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9874 Datasheet HTML 26Page - Analog Devices AD9874 Datasheet HTML 27Page - Analog Devices AD9874 Datasheet HTML 28Page - Analog Devices AD9874 Datasheet HTML 29Page - Analog Devices AD9874 Datasheet HTML 30Page - Analog Devices AD9874 Datasheet HTML 31Page - Analog Devices AD9874 Datasheet HTML 32Page - Analog Devices AD9874 Datasheet HTML 33Page - Analog Devices AD9874 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
REV. A
AD9874
–29–
Referring to Figure 18, the gain of the VGA is set by an 8-bit con-
trol DAC that provides a control signal to the VGA appearing at
the gain control pin (GCP). For applications implementing auto-
matic gain control, the DAC’s output resistance can be reduced
by a factor of 9 to decrease the attack time of the AGC response
for faster signal acquisition. An external capacitor, CDAC, from
GCP to analog ground is required to smooth the DAC’s output
each time it updates as well as to filter wideband noise. Note
that CDAC, in combination with the DAC’s programmable out-
put resistance, sets the –3 dB bandwidth and time constant
associated with this RC network.
A linear estimate of the received signal strength is performed at
the output of the first decimation stage (DEC1) and output of
the DVGA (if enabled) as discussed in the AGC section. This
data is available as a 6-bit RSSI field within an SSI frame with
60 corresponding to a full-scale signal for a given AGC attenua-
tion setting. The RSSI field is updated at fCLK/60 and can be
used with the 8-bit attenuation field (or AGCG attenuation
setting) to determine the absolute signal strength.
The accuracy of the mean RSSI reading (relative to the IF input
power) depends on the input signal’s frequency offset relative to
the IF frequency since both DEC1 filter’s response as well as
the ADC’s signal transfer function attenuate the mixer’s
downconverted signal level centered at fCLK/8. As a result, the
estimated signal strength of input signals falling within prox-
imity to the IF is reported accurately, while those signals at
increasingly higher frequency offsets incur larger measure-
ment errors. Figure 20 shows the normalized error of the
RSSI reading as a function of the frequency offset from the
IF frequency. Note that the significance of this error becomes
apparent when determining the maximum input interferer (or
blocker) levels with the AGC enabled.
0
0
–3
–6
NORMALIZED FREQUENCY OFFSET – (
fIN – fIF) fCLK
–9
–18
0.03
0.04
0.05
0.02
0.01
–12
–15
Figure 20. Normalized RSSI Error vs. Normalized
IF Frequency Offset
Automatic Gain Control (AGC)
The gain of the VGA (and DVGA) is automatically adjusted
when the AGC is enabled via the AGCR field of Register 0x06.
In this mode, the gain of the VGA is continuously updated at
fCLK/60 in an attempt to ensure that the maximum analog signal
level into the ADC does not exceed the ADC clip level and that
the rms output level of the ADC is equal to a programmable
reference level. With the DVGA enabled, the AGC control loop
also attempts to minimize the effects of 16-bit truncation noise
prior to the SSI output by continuously adjusting the DVGA’s
gain to ensure maximum digital gain while not exceeding the
programmable reference level.
This programmable level can be set at 3 dB, 6 dB, 9 dB, 12 dB,
and 15 dB below the ADC saturation (clip) level by writing
values from 1 to 5 to the 3-bit AGCR field. Note that the ADC
clip level is defined to be 2 dB below its full scale (i.e., –18 dBm
at the LNA input for a matched input and maximum attenua-
tion). If AGCR is 0, automatic gain control is disabled. Since
clipping of the ADC input will degrade the SNR performance,
the reference level should also take into consideration the peak-
to-rms characteristics of the target (or interferer) signals.
Referring again to Figure 18, the majority of the AGC loop
operates in the discrete time domain. The sample rate of the
loop is fCLK/60; therefore, registers associated with the AGC
algorithm are updated at this rate. The number of overload and
ADC reset occurrences within the final I/Q update rate of the
AD9874, as well as the AGC value (8 MSB), can be read from
the SSI data upon proper configuration.
The AGC performs digital signal estimation at the output of the
first decimation stage (DEC1) as well as the DVGA output that
follows the last decimation stage (DEC3). The rms power of the
I and Q signal is estimated by the equation
Xest n
Abs I n
Abs Q n
[] =
[]
() +
[]
()
(7)
Signal estimation after the first decimation stage allows the
AGC to cope with out-of-band interferers and in-band signals
that could otherwise overload the ADC. Signal estimation after
the DVGA allows the AGC to minimize the effects of the 16-bit
truncation noise.
When the estimated signal level falls within the range of the
AGC, the AGC loop adjusts the VGA (or DVGA) attenuation
setting so that the estimated signal level is equal to the pro-
grammed level specified in the AGCR field. The absolute signal
strength can be determined from the contents of the ATTN and
RSSI field that is available in the SSI data frame when properly
configured. Within this AGC tracking range, the 6-bit value in
the RSSI field remains constant while the 8-bit ATTN field
varies according to the VGA/DVGA setting. Note that the
ATTN value is based on the 8 MSB contained in the AGCG
field of Registers 0x03 and 0x04.
A description of the AGC control algorithm and the user adjust-
able parameters follows. First, consider the case in which the
in-band target signal is bigger than all out-of-band interferers
and the DVGA is disabled. With the DVGA disabled, a control
loop based only on the target signal power measured after
DEC1 is used to control the VGA gain, and the target signal
will be tracked to the programmed reference level. If the signal
is too large, the attenuation is increased with a proportionality
constant determined by the AGCA setting. Large AGCA values
result in large gain changes, thus rapid tracking of changes in
signal strength. If the target signal is too small relative to the
reference level, the attenuation is reduced; but now the propor-
tionality constant is determined by both the AGCA and AGCD
settings. The AGCD value is effectively subtracted from AGCA,
so a large AGCD results in smaller gain changes and thus
slower tracking of fading signals.
The 4-bit code in the AGCA field sets the raw bandwidth of the
AGC loop. With AGCA = 0, the AGC loop bandwidth is at its
minimum of 50 Hz, assuming fCLK = 18 MHz. Each increment
of AGCA increases the loop bandwidth by a factor of 2
1/2, thus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com