Electronic Components Datasheet Search
  English  ▼

X  

AD9993BBCZRL Datasheet(PDF) 33 Page - Analog Devices

Part # AD9993BBCZRL
Description  Integrated Mixed-Signal Front End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993BBCZRL Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9993BBCZRL Datasheet HTML 29Page - Analog Devices AD9993BBCZRL Datasheet HTML 30Page - Analog Devices AD9993BBCZRL Datasheet HTML 31Page - Analog Devices AD9993BBCZRL Datasheet HTML 32Page - Analog Devices AD9993BBCZRL Datasheet HTML 33Page - Analog Devices AD9993BBCZRL Datasheet HTML 34Page - Analog Devices AD9993BBCZRL Datasheet HTML 35Page - Analog Devices AD9993BBCZRL Datasheet HTML 36Page - Analog Devices AD9993BBCZRL Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
AD9993
Data Sheet
Rev. A | Page 32 of 56
POWER MODE CONTROL REGISTER
Address: 0x008, Reset: 0x55, Name: POWER_MODES
Table 15. Bit Descriptions for POWER_MODES
Bits
Bit Name
Description
Reset
Access
7
PDWN_PIN_FUNC
Power-down pin function. External power-down pin mode.
0x0
RW
0 = assertion of external power-down pin (PDWN) causes chip to enter full
power-down mode.
1 = assertion of external power-down pin (PDWN) causes chip to enter
standby mode.
6
CLKGEN_PDWN
Clock generation power-down mode.
0x1
RW
[5:4]
SYNTH_PDWN_MODE
Synthesizer power-down mode.
0x1
RW
[3:2]
DAC_PDWN_MODE
DAC power-down mode.
0x1
RW
[1:0]
ADC_PDWN_MODE
ADC power-down mode. (ADC indexed)
0x1
RW
00 = normal mode (power up).
01 = power-down mode; digital datapath clocks disabled; digital datapath
held in reset; outputs disabled.
10 = standby mode; digital datapath clocks disabled; outputs disabled.
11 = reserved.
ALIGN ADC LVDS CLOCKS, ADC FIFO, DAC FIFO REGISTER
Address: 0x00A, Reset: 0x80, Name: ALIGN
Table 16. Bit Descriptions for ALIGN
Bits
Bit Name
Description
Reset
Access
[7:5]
RXFIFO_WR_OFFSET
The distance of Rx FIFO write pointer away from read pointer; needs
RXFIFO_ALIGN_REQ asserted to apply this value to datapath.
0x4
RW
4
RXFIFO_ALIGN_REQ
Align Rx FIFO read and write pointers.
0x0
RW
1
LVDS_DCO_SYNC
Sync LVDS Tx DCO with data and strobe (self clear with following SPI clock).
0x0
RW
0
TXFIFO_ALIGN
Align Tx FIFO read and write pointers (self clear with following SPI clock).
0x0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com