Electronic Components Datasheet Search
  English  ▼

X  

AD9993BBCZRL Datasheet(PDF) 16 Page - Analog Devices

Part # AD9993BBCZRL
Description  Integrated Mixed-Signal Front End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993BBCZRL Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9993BBCZRL Datasheet HTML 12Page - Analog Devices AD9993BBCZRL Datasheet HTML 13Page - Analog Devices AD9993BBCZRL Datasheet HTML 14Page - Analog Devices AD9993BBCZRL Datasheet HTML 15Page - Analog Devices AD9993BBCZRL Datasheet HTML 16Page - Analog Devices AD9993BBCZRL Datasheet HTML 17Page - Analog Devices AD9993BBCZRL Datasheet HTML 18Page - Analog Devices AD9993BBCZRL Datasheet HTML 19Page - Analog Devices AD9993BBCZRL Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
Data Sheet
AD9993
Rev. A | Page 15 of 56
TERMINOLOGY
Linearity Error (Integral Nonlinearity or INL)
INL is defined as the maximum deviation of the actual analog
output from the ideal output, determined by a straight line
drawn from zero to full scale.
Differential Nonlinearity (DNL)
DNL is the measure of the variation in analog value, normalized
to full scale, associated with a 1 LSB change in digital input code.
Monotonicity
A digital-to-analog converter is monotonic if the output either
increases or remains constant as the digital input increases.
Offset Error
Offset error is the deviation of the output current from the ideal
of zero. For IOUTx_P, 0 mA output is expected when the inputs
are all 0s. For IOUTx_N, 0 mA output is expected when all
inputs are set to 1.
Gain Error
Gain error is the difference between the actual and ideal output
span. The actual span is determined by the output when all inputs
are set to 1, minus the output when all inputs are set to 0. The
ideal gain is calculated using the measured VREF. Therefore,
the gain error does not include effects of the reference.
Output Compliance Voltage
Output compliance voltage is the range of allowable voltage
at the output of a current output DAC. Operation beyond the
maximum compliance limits can cause either output stage
saturation or breakdown, resulting in nonlinear performance.
Temperature Drift
Temperature drift is specified as the maximum change from
the ambient (25°C) value to the value at either TMIN or TMAX.
For offset and gain drift, the drift is reported in ppm of full-
scale range (FSR) per °C. For reference drift, the drift is
reported in ppm per °C.
Settling Time
Settling time is the time required for the output to reach and
remain within a specified error band about its final value,
measured from the start of the output transition.
Spurious-Free Dynamic Range (SFDR)
SFDR is the difference, in decibels (dB), between the rms
amplitude of the output signal and the peak spurious signal
over the specified bandwidth.
Noise Spectral Density (NSD)
Noise spectral density is the average noise power normalized to
a 1 Hz bandwidth, with the DAC converting and producing an
output tone.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the measured output signal
to the rms sum of all other spectral components below the
Nyquist frequency, excluding the first six harmonics and dc.
The value for SNR is expressed in decibels.
Signal to Noise and Distortion (SINAD)
The ratio of the total signal power level (wanted signal + noise +
distortion or SND) to unwanted signal power (noise +
distortion or ND).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com