Electronic Components Datasheet Search
  English  ▼

X  

AD9993BBCZRL Datasheet(PDF) 53 Page - Analog Devices

Part # AD9993BBCZRL
Description  Integrated Mixed-Signal Front End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993BBCZRL Datasheet(HTML) 53 Page - Analog Devices

Back Button AD9993BBCZRL Datasheet HTML 49Page - Analog Devices AD9993BBCZRL Datasheet HTML 50Page - Analog Devices AD9993BBCZRL Datasheet HTML 51Page - Analog Devices AD9993BBCZRL Datasheet HTML 52Page - Analog Devices AD9993BBCZRL Datasheet HTML 53Page - Analog Devices AD9993BBCZRL Datasheet HTML 54Page - Analog Devices AD9993BBCZRL Datasheet HTML 55Page - Analog Devices AD9993BBCZRL Datasheet HTML 56Page - Analog Devices AD9993BBCZRL Datasheet HTML 57Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 53 / 57 page
background image
AD9993
Data Sheet
Rev. A | Page 52 of 56
DDS TUNING WORD FOR TONE 1 REGISTER
Address: 0x063, Reset: 0xA0, Name: DDS_TW1_2
Table 63. Bit Descriptions for DDS_TW1_2
Bits
Bit Name
Description
Reset
Access
[7:0]
DDS_TW1_2
32-bit tuning word for Tone 1 combined by DDS_TW1_3, DDS_TW1_2,
DDS_TW1_1, and DDS_TW1_0. The default configuration is for 50 MHz
when working with 500 MHz DAC clock.
0xa0
RW
DDS TUNING WORD FOR TONE 1 REGISTER
Address: 0x064, Reset: 0x19, Name: DDS_TW1_3
Table 64. Bit Descriptions for DDS_TW1_3
Bits
Bit Name
Description
Reset
Access
[7:0]
DDS_TW1_3
32-bit tuning word for Tone 1 combined by DDS_TW1_3, DDS_TW1_2,
DDS_TW1_1, and DDS_TW1_0. The default configuration is for 50 MHz
when working with 500 MHz DAC clock.
0x19
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com