Electronic Components Datasheet Search
  English  ▼

X  

MSP430A005IPWR Datasheet(PDF) 20 Page - Texas Instruments

Part # MSP430A005IPWR
Description  MIXED SIGNAL MICROCONTROLLER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430A005IPWR Datasheet(HTML) 20 Page - Texas Instruments

Back Button MSP430A005IPWR Datasheet HTML 16Page - Texas Instruments MSP430A005IPWR Datasheet HTML 17Page - Texas Instruments MSP430A005IPWR Datasheet HTML 18Page - Texas Instruments MSP430A005IPWR Datasheet HTML 19Page - Texas Instruments MSP430A005IPWR Datasheet HTML 20Page - Texas Instruments MSP430A005IPWR Datasheet HTML 21Page - Texas Instruments MSP430A005IPWR Datasheet HTML 22Page - Texas Instruments MSP430A005IPWR Datasheet HTML 23Page - Texas Instruments MSP430A005IPWR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
MSP430x11x2, MSP430x12x2
MIXED SIGNAL MICROCONTROLLER
SLAS361D − JANUARY 2002 − REVISED AUGUST 2004
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
outputs − Ports P1, P2, and P3 (see Note)
Figure 2
VOL − Low-Level Output Voltage − V
0
4
8
12
16
20
24
28
32
0.0
0.5
1.0
1.5
2.0
2.5
VCC = 2.2 V
P1.0
TA = 25°C
TA = 85°C
TYPICAL LOW-LEVEL OUTPUT CURRENT
vs
LOW-LEVEL OUTPUT VOLTAGE
Figure 3
VOL − Low-Level Output Voltage − V
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VCC = 3 V
P1.0
TA = 25°C
TA = 85°C
TYPICAL LOW-LEVEL OUTPUT CURRENT
vs
LOW-LEVEL OUTPUT VOLTAGE
Figure 4
VOH − High-Level Output Voltage − V
−28
−24
−20
−16
−12
−8
−4
0
0.0
0.5
1.0
1.5
2.0
2.5
VCC = 2.2 V
P1.0
TA = 25°C
TA = 85°C
TYPICAL HIGH-LEVEL OUTPUT CURRENT
vs
HIGH-LEVEL OUTPUT VOLTAGE
Figure 5
VOH − High-Level Output Voltage − V
−60
−50
−40
−30
−20
−10
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VCC = 3 V
P1.0
TA = 25°C
TA = 85°C
TYPICAL HIGH-LEVEL OUTPUT CURRENT
vs
HIGH-LEVEL OUTPUT VOLTAGE
NOTE:
Only one output is loaded at a time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com