Electronic Components Datasheet Search
  English  ▼

X  

PMV60EN Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PMV60EN
Description  UTrenchMOS enhanced logic level FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMV60EN Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PMV60EN Datasheet HTML 3Page - NXP Semiconductors PMV60EN Datasheet HTML 4Page - NXP Semiconductors PMV60EN Datasheet HTML 5Page - NXP Semiconductors PMV60EN Datasheet HTML 6Page - NXP Semiconductors PMV60EN Datasheet HTML 7Page - NXP Semiconductors PMV60EN Datasheet HTML 8Page - NXP Semiconductors PMV60EN Datasheet HTML 9Page - NXP Semiconductors PMV60EN Datasheet HTML 10Page - NXP Semiconductors PMV60EN Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
PMV60EN
µTrenchMOS™ enhanced logic level FET
Product data
Rev. 01 — 15 January 2003
7 of 12
9397 750 10895
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
ID = 1 mA; VDS =VGS
Tj =25 °C; VDS =5V
Fig 9.
Gate-source threshold voltage as a function of
junction temperature.
Fig 10. Sub-threshold drain current as a function of
gate-source voltage.
VGS = 0 V; f = 1 MHz
Fig 11. Input, output and reverse transfer capacitances as a function of drain-source voltage; typical values.
03aa33
0
0.5
1
1.5
2
2.5
-60
0
60
120
180
Tj (°C)
VGS(th)
(V)
max
typ
min
03aa36
10-6
10-5
10-4
10-3
10-2
10-1
01
23
VGS (V)
ID
(A)
max
typ
min
03ak74
10
102
103
10-1
1
10
102
VDS (V)
C
(pF)
Ciss
Coss
Crss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com