Electronic Components Datasheet Search
  English  ▼

X  

SCAN90CP02 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCAN90CP02
Description  1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN90CP02 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  SCAN90CP02 Datasheet HTML 1Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 2Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 3Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 4Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 5Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 6Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 7Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 8Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Absolute Maximum Ratings (Note 3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
DD)
−0.3V to +4.0V
CMOS Input Voltage
−0.3V to (V
DD +0.3V)
LVDS Receiver Input Voltage
−0.3V to +3.6V
LVDS Driver Output Voltage
−0.3V to +3.6V
LVDS Output Short Circuit Current
40mA
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature
(Soldering, 4sec.)
+260˚C
Maximum Package Power Dissipation at 25˚C
LLP-28
4.31 W
LQFP-32
1.47W
Derating above 25˚C
LLP-28
34.5 mW/˚C
LQFP-32
11.8 mW/˚C
Thermal Resistance,
θ
JA
LLP-28
29˚C/W
LQFP-32
85˚C/W
ESD Rating
HBM, 1.5 k
Ω, 100 pF
6.5 kV
EIAJ, 0
Ω, 200 pF
>250V
Recommended Operating
Conditions
Min
Typ
Max
Unit
Supply Voltage (V
DD– GND)
3.0
3.3
3.6
V
Receiver Input Voltage
0
3.6
V
Operating Free Air
Temperature
−40
25
85
˚C
Junction Temperature
150
˚C
Electrical Characteristics
Over recommended operating supply and temperature ranges unless other specified.
Symbol
Parameter
Conditions
Min
Typ
(Note 4)
Max
Units
LVTTL DC SPECIFICATIONS (SEL0, SEL1, EN1, EN2, PEM00, PEM01, PEM10, PEM11, TDI, TCK, TMS, TRST)
V
IH
High Level Input Voltage
2.0
V
DD
V
V
IL
Low Level Input Voltage
GND
0.8
V
I
IH
High Level Input Current
V
IN =VDD =VDDMAX
−10
+10
µA
I
IL
Low Level Input Current
V
IN =VSS,VDD =VDDMAX
−10
+10
µA
I
ILR
Low Level Input Current
TDI, TMS, TRST
-40
-200
µA
C
IN1
Input Capacitance
Any Digital Input Pin to V
SS
3.5
pF
C
OUT1
Output Capacitance
Any Digital Output Pin to V
SS
5.5
pF
V
CL
Input Clamp Voltage
I
CL = −18 mA
−1.5
−0.8
V
V
OH
High Level Output Voltage
(TDO)
I
OH = −12 mA, VDD = 3.0 V
2.4
V
I
OH = −100 µA, VDD = 3.0 V
V
DD-0.2
V
V
OL
Low Level Output Voltage
(TDO)
I
OL = 12 mA, VDD = 3.0 V
0.5
V
I
OL = 100 µA, VDD = 3.0 V
0.2
V
I
OS
Output Short Circuit Current
TDO
-15
-125
mA
LVDS INPUT DC SPECIFICATIONS (IN0±, IN1±)
V
TH
Differential Input High Threshold
(Note 5)
V
CM = 0.8V or 1.2V or 3.55V, VDD =
3.6V
050
mV
V
TL
Differential Input Low Threshold
V
CM = 0.8V or 1.2V or 3.55V, VDD =
3.6V
−50
0
mV
V
ID
Differential Input Voltage
V
CM = 0.8V to 3.55V, VDD = 3.6V
100
mV
V
CMR
Common Mode Voltage Range
V
ID = 150 mV, VDD = 3.6V
0.05
3.55
V
C
IN2
Input Capacitance
IN+ or IN− to V
SS
3.5
pF
I
IN
Input Current
V
IN = 3.6V, VDD =VDDMAX or 0V
−10
+10
µA
V
IN = 0V, VDD =VDDMAX or 0V
−10
+10
µA
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com