Electronic Components Datasheet Search
  English  ▼

X  

SCAN90CP02 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCAN90CP02
Description  1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN90CP02 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button SCAN90CP02 Datasheet HTML 4Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 5Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 6Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 7Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 8Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 9Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 10Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 11Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Design-For-Test (DfT) Features
IEEE 1149.1 SUPPORT
The SCAN90CP02 supports a fully compliant IEEE 1149.1
interface. The Test Access Port (TAP) provides access to
boundary scan cells at each LVTTL I/O on the device for
interconnect testing. The TAP also provides access to the
IEEE 1149.6 test features if AC-coupled interconnects are
used.
Refer to the BSDL file located on National’s website for the
details of the SCAN90CP02 IEEE 1149.1 implementation.
IEEE 1149.6 SUPPORT
AC-coupled differential interconnections on very high speed
(1+ Gbps) data paths are not testable using traditional IEEE
1149.1 techniques. The IEEE 1149.1 structures and meth-
ods are intended to test static (DC-coupled), single ended
networks. It is unable to test dynamic (AC-coupled) digital
networks because the AC-coupling blocks static signals.
The SCAN90CP02 - which is intended for use in up to 1.5
Gbps data paths - has been designed with IEEE 1149.6
support to enable test of AC-coupled interconnects.
FAULT INSERTION
StuckAt is a feature that enables the user to override logic
values on any of the external pins during normal operation.
StuckAt can be thought of as having the same capabilities as
the IEEE-1149.1 EXTEST instruction but on a per pin bases.
Because this feature occurs on a per-pin basis, normal
device operation (mission mode) is possible with the excep-
tion of the desired faults.
For more information on any of these features, refer to
Application Note AN-1313, SCAN90CP02 Design-for-Test
Features.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com