Electronic Components Datasheet Search
  English  ▼

X  

SCAN90CP02 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCAN90CP02
Description  1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN90CP02 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button SCAN90CP02 Datasheet HTML 3Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 4Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 5Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 6Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 7Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 8Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 9Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 10Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Electrical Characteristics (Continued)
Over recommended operating supply and temperature ranges unless other specified.
Symbol
Parameter
Conditions
Min
Typ
(Note 4)
Max
Units
t
SW
LVDS Switching Time
SELx to OUT±
Time from configuration select (SELx)
to new switch configuration effective for
OUT±.
110
150
ns
SCAN Circuitry Timing Requirements
Symbol
Parameter
Conditions
Min
Typ
Max
Units
f
MAX
Maximum TCK Clock Frequency
R
L = 500
Ω,
C
L =35pF
25.0
MHz
t
S
TDI to TCK, H or L
1.0
ns
t
H
TDI to TCK, H or L
2.0
ns
t
S
TMS to TCK, H or L
2.0
ns
t
H
TMS to TCK, H or L
1.5
ns
t
W
TCK Pulse Width, H or L
10.0
ns
t
W
TRST Pulse Width, L
2.5
ns
t
REC
Recovery Time, TRST to TCK
2.0
ns
Note 3: “Absolute Maximum Ratings” are the ratings beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device
should be operated at these limits.
Note 4: Typical parameters are measured at VDD = 3.3V, TA = 25˚C. They are for reference purposes, and are not production-tested.
Note 5: Differential output voltage VOD is defined as ABS(OUT+–OUT−). Differential input voltage VID is defined as ABS(IN+–IN−).
Note 6: Output offset voltage VOS is defined as the average of the LVDS single-ended output voltages at logic high and logic low states.
Note 7: JIT is the jitter from any input to any one differential LVDS output running at the specified data rate and data pattern, the other channel is powered off. Jitter
is not production tested, but guaranteed through characterization on a sample basis. Random Jitter is measured RMS with a histogram including 1500 histogram
window hits. K28.5 pattern is repeating bit streams of (0011111010 1100000101). This deterministic jitter or DJ pattern is measured to a histogram mean with a
sample size of 350 hits. Total Jitter is measured peak to peak with a histogram including 3500 window hits.
Timing Diagrams
20071415
FIGURE 3. LVDS Signals
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com