Electronic Components Datasheet Search
  English  ▼

X  

SI1300DL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI1300DL
Description  N-Channel 20-V (D-S) MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1300DL Datasheet(HTML) 1 Page - Vishay Siliconix

  SI1300DL Datasheet HTML 1Page - Vishay Siliconix SI1300DL Datasheet HTML 2Page - Vishay Siliconix SI1300DL Datasheet HTML 3Page - Vishay Siliconix SI1300DL Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Si1300DL
Vishay Siliconix
New Product
Document Number: 71301
S-01883—Rev. A, 28-Aug-00
www.vishay.com
1
N-Channel 20-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (mA)
20
2.0 @ VGS = 4.5 V
250
20
2.5 @ VGS = 2.5 V
150
SOT-323
SC-70 (3-Leads)
S
D
1
2
3
G
Marking Code
KC
XX
Lot Traceability
and Date Code
Part # Code
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
"8
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
250
A
Continuous Drain Current (TJ = 150 C)a
TA = 70_C
ID
200
mA
Pulsed Drain Current
IDM
500
Maximum Power Dissipationa
TA = 25_C
PD
0.15
W
Maximum Power Dissipationa
TA = 70_C
PD
0.10
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Limit
Unit
Maximum Junction-to-Ambienta
RthJA
833
_C/W
Notes
a.
Surface Mounted on FR4 Board, t
v 10 sec.


Similar Part No. - SI1300DL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1300BDL VISHAY-SI1300BDL Datasheet
104Kb / 6P
N-Channel 20-V (D-S) MOSFET
21-Nov-05
SI1300BDL VISHAY-SI1300BDL Datasheet
131Kb / 10P
N-Channel 20 V (D-S) MOSFET
08-Nov-10
SI1300BDL-T1-E3 VISHAY-SI1300BDL-T1-E3 Datasheet
104Kb / 6P
N-Channel 20-V (D-S) MOSFET
21-Nov-05
SI1300BDL VISHAY-SI1300BDL_10 Datasheet
131Kb / 10P
N-Channel 20 V (D-S) MOSFET
08-Nov-10
More results

Similar Description - SI1300DL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1906DL VISHAY-SI1906DL Datasheet
43Kb / 4P
N-Channel 20-V (D-S) MOSFET
28-Aug-00
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
N-Channel 20-V (D-S) MOSFET
15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
N-Channel 20-V (D-S) MOSFET
31-Oct-05
SI7348DP VISHAY-SI7348DP Datasheet
50Kb / 5P
N-Channel 20-V (D-S) MOSFET
31-Mar-03
SI5432DC VISHAY-SI5432DC Datasheet
112Kb / 7P
N-Channel 20-V (D-S) MOSFET
22-Sep-08
logo
Guangdong Kexin Industr...
KI2314EDS KEXIN-KI2314EDS Datasheet
50Kb / 2P
N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SIR440DP VISHAY-SIR440DP Datasheet
112Kb / 7P
N-Channel 20-V (D-S) MOSFET
04-Aug-08
SIR484DP VISHAY-SIR484DP Datasheet
126Kb / 7P
N-Channel 20-V (D-S) MOSFET
03-Nov-08
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
N-Channel 20 V (D-S) MOSFET
30-Apr-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com