Electronic Components Datasheet Search
  English  ▼

X  

SI1300DL Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI1300DL
Description  N-Channel 20-V (D-S) MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1300DL Datasheet(HTML) 3 Page - Vishay Siliconix

  SI1300DL Datasheet HTML 1Page - Vishay Siliconix SI1300DL Datasheet HTML 2Page - Vishay Siliconix SI1300DL Datasheet HTML 3Page - Vishay Siliconix SI1300DL Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Si1300DL
Vishay Siliconix
New Product
Document Number: 71301
S-01883—Rev. A, 28-Aug-00
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
0.2
0.4
0.6
0.8
0
0.5
1.0
1.5
2.0
2.5
3.0
0
1
2
3
4
5
6
7
012
34
0
0.25
0.50
0.75
1.00
1.25
012
34
0
2
4
6
8
10
0
100
200
300
400
500
600
0.6
0.8
1.0
1.2
1.4
1.6
–50
–25
0
25
50
75
100
125
150
25
_C
TC = –55_C
Crss
Coss
VDS = 6 V
ID = 100 mA
VGS = 4.5 V
ID = 100 m A
VGS = 4.5 V
VGS = 2.5 V
2 V
125
_C
2.5 V
Output Characteristics
Transfer Characteristics
Gate Charge
On-Resistance vs. Drain Current
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
Qg – Total Gate Charge (pC)
VDS – Drain-to-Source Voltage (V)
ID – Drain Current (A)
Capacitance
On-Resistance vs. Junction Temperature
TJ – Junction Temperature (_C)
3 V
VGS = 3.5 thru 5 V
1.5 V
1 V
0
10
20
30
40
50
0
4
8
12
16
20
Ciss



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com