Electronic Components Datasheet Search
  English  ▼

X  

SI1300DL Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI1300DL
Description  N-Channel 20-V (D-S) MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1300DL Datasheet(HTML) 4 Page - Vishay Siliconix

  SI1300DL Datasheet HTML 1Page - Vishay Siliconix SI1300DL Datasheet HTML 2Page - Vishay Siliconix SI1300DL Datasheet HTML 3Page - Vishay Siliconix SI1300DL Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Si1300DL
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 71301
S-01883—Rev. A, 28-Aug-00
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
–0.4
–0.3
–0.2
–0.1
–0.0
0.1
0.2
–50
–25
0
25
50
75
100
125
150
ID = 50 mA
1.2
0
2
4
6
8
02468
10
0.001
3
ID = 250 mA
0.00
0.3
0.9
TJ = 25_C
TJ = 125_C
Threshold Voltage
TJ – Temperature (_C)
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD – Source-to-Drain Voltage (V)
VGS – Gate-to-Source Voltage (V)
0.1
0.01
1
0.6
TJ = –55_C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com