Electronic Components Datasheet Search
  English  ▼

X  

PCT1339 Datasheet(PDF) 6 Page - Pixart Imaging Inc.

Part # PCT1339
Description  Multi-Touch Capacitive Touch Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PCT1339 Datasheet(HTML) 6 Page - Pixart Imaging Inc.

Back Button PCT1339 Datasheet HTML 2Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 3Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 4Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 5Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 6Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 7Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 8Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 9Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 10Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
PixArt Imaging Inc.
PCT1339 Product Datasheet
Multi-Touch Capacitive Touch Controller
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Version 1.0 |11 Apr 2016
Pin
Name
Description
23
DRV8
Drive line pin
24
DRV9
Drive line pin
25
DRV10_SEN0
Mux pin: Can be set to Drive or sense function
26
DRV11_SEN1
Mux pin: Can be set to Drive or sense function
27
SEN2
Sense line pin
28
SEN3
Sense line pin
29
SEN4
Sense line pin
30
SEN5
Sense line pin
31
SEN6
Sense line pin
32
SEN7
Sense line pin
33
SEN8
Sense line pin
34
SEN9
Sense line pin
35
SEN10
Sense line pin
36
SEN11
Sense line pin
37
SEN12
Sense line pin
38
SEN13
Sense line pin
39
SEN14
Sense line pin
40
SEN15
Sense line pin
41
SEN16
Sense line pin
42
VDDA
Analog power, connect 1uF to ground.
43
DRV12_SEN17
Mux pin: Can be set to Drive or sense function
44
DRV13_SEN18
Mux pin: Can be set to Drive or sense function
45
DRV14
Drive line pin
46
DRV15
Drive line pin
47
DRV16
Drive line pin
48
DRV17
Drive line pin
49
DRV18
Drive line pin
50
DRV19
Drive line pin
51
DRV20
Drive line pin
52
DRV21
Drive line pin
53
DRV22
Drive line pin
54
DRV23
Drive line pin
55
VDDAIO
Drive line power, connect 1uF to ground
56
VIN
Main power input, connect 1uF to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com