Electronic Components Datasheet Search
  English  ▼

X  

PCT1339 Datasheet(PDF) 19 Page - Pixart Imaging Inc.

Part # PCT1339
Description  Multi-Touch Capacitive Touch Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PCT1339 Datasheet(HTML) 19 Page - Pixart Imaging Inc.

Back Button PCT1339 Datasheet HTML 15Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 16Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 17Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 18Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 19Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 20Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 21Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 22Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 23Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
19
PixArt Imaging Inc.
PCT1339 Product Datasheet
Multi-Touch Capacitive Touch Controller
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Version 1.0 |11 Apr 2016
Add (Hex)
Name
BW
R/W
Default Value(*1)
Take effect only after Flash?
0x14
REPORT_CTL
[7:0]
R/W
0x00
No
0x18
MAX_REPORT_RATE
[7:0]
R/W
0x92
No
0x19
MIN_REPORT_RATE
[7:0]
R/W
0x38
No
0x1a
OBS_OP_REPORT_RATE
[7:0]
R
-
-
0x1b
CHARGER_MODE
[7:0]
R/W
0x00
No
0x1c
CHARGE_PUMP
[7:0]
R/W
0x00
No
0x20
IDLE_DS[15:8]
[7:0]
R/W
0x00
No
0x21
IDLE_DS[7:0]
[7:0]
R/W
0x64
No
0x22
IDLE_FRAME_RATE[7:0]
[7:0]
R/W
0x3c
No
0x23
REST1_DS[15:8]
[7:0]
R/W
0x00
No
0x24
REST1_DS[7:0]
[7:0]
R/W
0xc8
No
0x25
REST1_FRAME_RATE
[7:0]
R/W
0x0a
No
0x26
REST2_DS[15:8]
[7:0]
R/W
0x01
No
0x27
REST2_DS[7:0]
[7:0]
R/W
0x90
No
0x28
REST2_FRAME_RATE
[7:0]
R/W
0x04
No
0x2c
LG_OPERATOIN_MODE
[7:0]
R/W
0x40
No
0x2F
CELL_COUNT_FILTER
[7:0]
R/W
0x00
No
0x38
THUMB_SUMI_LB[25:24]
[1:0]
R/W
0x00
No
0x39
THUMB_SUMI_LB[23:16]
[7:0]
R/W
0x00
No
0x3a
THUMB_SUMI_LB[15:8]
[7:0]
R/W
0x46
No
0x3b
THUMB_SUMI_LB[7:0]
[7:0]
R/W
0x50
No
0x3c
MOMENT_TH_BASE[11:8]
[3:0]
R/W
0x0e
No
0x3d
MOMENT_TH_BASE[7:0]
[7:0]
R/W
0x24
No
0x3e
MOMENT_TH_SLOPE[15:8]
[7:0]
R/W
0x01
No
0x3f
MOMENT_TH_SLOPE[7:0]
[7:0]
R/W
0x6f
No
0x40
COL0
[7:0]
R/W
0x00
No
0x41
COL1
[7:0]
R/W
0x01
No
0x42
COL2
[7:0]
R/W
0x02
No
0x43
COL3
[7:0]
R/W
0x03
No
0x44
COL4
[7:0]
R/W
0x04
No
0x45
COL5
[7:0]
R/W
0x05
No
0x46
COL6
[7:0]
R/W
0x06
No
0x47
COL7
[7:0]
R/W
0x07
No
0x48
COL8
[7:0]
R/W
0x08
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com