Electronic Components Datasheet Search
  English  ▼

X  

PCT1339 Datasheet(PDF) 18 Page - Pixart Imaging Inc.

Part # PCT1339
Description  Multi-Touch Capacitive Touch Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PCT1339 Datasheet(HTML) 18 Page - Pixart Imaging Inc.

Back Button PCT1339 Datasheet HTML 14Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 15Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 16Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 17Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 18Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 19Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 20Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 21Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 22Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
18
PixArt Imaging Inc.
PCT1339 Product Datasheet
Multi-Touch Capacitive Touch Controller
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Version 1.0 |11 Apr 2016
Register Map
There are three register banks related to host access in PCT1339, and the register banks are switched through register 0x7F:
Reg0x7F=0: bank0, associate with handshaking register.
Reg0x7F=5: bank5, to report touch data in little endian format
Reg0x7F=6: bank6, to access PCT1339 register.
Register in Bank6
Table 2. Bank6 register table
Add [hex]
Register Name
R/W
Save to Flash?
0x51
R_USER_ADDR
R/W
Yes
0x52
R_USER_DATA
R/W
Yes
0x53
R_STATUS
R/W
No
0x54
BOOT_STAT
R
No
0x7A
Shutdown
R/W
No
Indirect Register
The registers in Table 7 are accessed through indirect registers reg0x51 and reg0x52. All the register in Table 3. Indirect
Register could be programmed to flash except read only registers.
Note: When the register is over one byte, please program low byte first then high byte. After high byte programmed, the
new setting is enabled.
Table 3. Indirect Register
Add (Hex)
Name
BW
R/W
Default Value(*1)
Take effect only after Flash?
0x00
PRODUCT_ID
[7:0]
R
0x8B
-
0x01
HW_REV_ID
[7:0]
R
0x02
-
0x02
FW_MAJOR_REV_ID
[7:0]
R
0X03
-
0x03
FW_MINOR_REV_ID
[7:0]
R
0x06
-
0x07
INT_CTL
[7:0]
R/W
0x00
No
0x0a
ORIENTATION
[7:0]
R/W
0x00
No
0x0b
ROW
[7:0]
R/W
0x10
No
0x0c
COLUMN
[7:0]
R/W
0x17
No
0x0d
REPORT_POINTS
[7:0]
R/W
0x05
No
0x10
MAX_HEIGHT[15:8]
[7:0]
R/W
0x03
No
0x11
MAX_HEIGHT[7:0]
[7:0]
R/W
0x00
No
0x12
MAX_WIDTH[15:8]
[7:0]
R/W
0x05
No
0x13
MAX_WIDTH[7:0]
[7:0]
R/W
0xD0
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com