Electronic Components Datasheet Search
  English  ▼

X  

AD9856 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9856
Description  CMOS 200 MHz Quadrature Digital Upconverter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9856 Datasheet(HTML) 4 Page - Analog Devices

  AD9856 Datasheet HTML 1Page - Analog Devices AD9856 Datasheet HTML 2Page - Analog Devices AD9856 Datasheet HTML 3Page - Analog Devices AD9856 Datasheet HTML 4Page - Analog Devices AD9856 Datasheet HTML 5Page - Analog Devices AD9856 Datasheet HTML 6Page - Analog Devices AD9856 Datasheet HTML 7Page - Analog Devices AD9856 Datasheet HTML 8Page - Analog Devices AD9856 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
AD9856
Rev. C | Page 3 of 36
SPECIFICATIONS
VS = +3 V ± 5%, RSET = 3.9 kΩ, external reference clock frequency = 10 MHz with REFCLK multiplier enabled at 20×.
Table 1.
Parameter
Temp
Test Level
Min
Typ
Max
Unit
REF CLOCK INPUT CHARACTERISTICS
Frequency Range
REFCLK Multiplier Disabled
Full
VI
5
2001
MHz
REFCLK Multiplier Enabled at 4 ×
Full
VI
5
50
MHz
REFCLK Multiplier Enabled at 20 ×
Full
VI
5
10
MHz
Duty Cycle
25°C
V
50
%
Input Capacitance
25°C
V
3
pF
Input Impedance
25°C
V
100
MΩ
DAC OUTPUT CHARACTERISTICS
Resolution
12
Bits
Full-Scale Output Current
5
10
20
mA
Gain Error
25°C
I
−10
+10
%FS
Output Offset
25°C
I
10
µ A
Differential Nonlinearity
25°C
V
0.5
LSB
Integral Nonlinearity
25°C
V
1
LSB
Output Capacitance
25°C
V
5
pF
Phase Noise @ 1 kHz Offset, 40 MHz AOUT
REFCLK Multiplier Enabled at 20×
25°C
V
−85
dBc/Hz
REFCLK Multiplier at 4×
25°C
V
−100
dBc/Hz
REFCLK Multiplier Disabled
25°C
V
−110
dBc/Hz
Voltage Compliance Range
25°C
I
−0.5
1.5
V
Wideband SFDR:
1 MHz Analog Out
25°C
IV
70
dBc
20 MHz Analog Out
25°C
IV
65
dBc
42 MHz Analog Out
25°C
IV
60
dBc
65 MHz Analog Out
25°C
IV
55
dBc
80 MHz Analog Out
25°C
IV
50
dBc
Narrow-Band SFDR: (± 100 kHz Window)
70 MHz Analog Out
25°C
IV
80
dBc
MODULATOR CHARACTERISTICS
Adjacent Channel Power (CH Power = −6.98 dBm)
25°C
IV
50
dBm
Error Vector Magnitude
25°C
IV
1
2
%
I/Q Offset
25°C
IV
50
55
dB
Inband Spurious Emissions
25°C
IV
45
50
dBc
Pass-Band Amplitude Ripple (DC to 80 MHz)
25°C
V
±0.3
dB
1 For 200 MHz operation in modulation mode at 85°C operating temperature, VS must be 3 V minimum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com