Electronic Components Datasheet Search
  English  ▼

X  

AD9856 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9856
Description  CMOS 200 MHz Quadrature Digital Upconverter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9856 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9856 Datasheet HTML 27Page - Analog Devices AD9856 Datasheet HTML 28Page - Analog Devices AD9856 Datasheet HTML 29Page - Analog Devices AD9856 Datasheet HTML 30Page - Analog Devices AD9856 Datasheet HTML 31Page - Analog Devices AD9856 Datasheet HTML 32Page - Analog Devices AD9856 Datasheet HTML 33Page - Analog Devices AD9856 Datasheet HTML 34Page - Analog Devices AD9856 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
AD9856
Rev. C | Page 30 of 36
PROGRAMMING/WRITING THE AD8320/AD8321
CABLE DRIVER AMPLIFIER GAIN CONTROL
Programming the gain control register of the AD8320/AD8321
programmable cable driver amplifier can be accomplished via
the AD9856 serial port. Four 8-bit registers (one per profile)
within the AD9856 store the gain value to be written to the
AD8320/AD8321. The AD8320/AD8321 is written via three
dedicated AD9856 output pins that are directly connected
to the AD8320/AD8321 serial input port. The transfer of
data from the AD9856 to the AD8320/AD8321 requires
136 SYSCLK clock cycles and occurs upon detection of three
conditions. Each condition is described next.
Power-Up Reset
Upon initial power up, the AD9856 clears (Logic 0) the contents
of control registers 07h, 0Dh, 13h, and 19h, which defines the
lowest gain setting of the AD8320/AD8321. Thus, the AD9856
writes all 0s out of the AD8320/AD8321 serial interface.
Change in Profile Selection Bits (PS1, PS0)
The AD9856 samples the PS1, PS0 input pins and writes to the
AD8320/ AD8321 gain control register when a change in profile
is determined. The data written to the AD8320/AD8321 comes
from the AD9856 gain control register associated with the
current profile.
Serial Port Write of AD9856 Registers Containing
AD8320/AD8321 Data
The AD9856 writes to the AD8320/AD8321 with data from the
gain control register associated with the current profile
whenever any AD9856 gain control register is updated. The
user does not have to write the AD9856 in any particular order
or to be concerned with time between writes. If the AD9856 is
currently writing to the AD8320/AD8321 while one of the four
AD9856 gain control registers is being addressed, the AD9856
immediately terminates the AD8320/AD8321 write sequence
(without updating the AD8320/AD8321) and begins a new
AD8320/AD8321 write sequence.
GAIN TRANSFER
G2
GAIN TRANSFER
G1
CA ENABLE
CA CLK
tDS
CA DATA
VALID DATA WORD G1
MSB...LSB
VALID DATA WORD G2
tWH
tCK
tES
tEH
8 CLOCK CYCLES
SYMBOL
DEFINITION
MIN
tDS
CA DATA SETUP TIME
6.5ns
tDH
CA DATA HOLD TIME
2ns
tWH
CA CLOCK PULSE HIGH
9ns
tCK
CA CLOCK PERIOD
25ns
tES
CA ENABLE SETUP TIME
17ns
tEH
CA ENABLE HOLD TIME
2.0ns
Figure 50. Programmable Cable Driver Amplifier Output Control Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com