Electronic Components Datasheet Search
  English  ▼

X  

AD9856 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9856
Description  CMOS 200 MHz Quadrature Digital Upconverter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9856 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9856 Datasheet HTML 16Page - Analog Devices AD9856 Datasheet HTML 17Page - Analog Devices AD9856 Datasheet HTML 18Page - Analog Devices AD9856 Datasheet HTML 19Page - Analog Devices AD9856 Datasheet HTML 20Page - Analog Devices AD9856 Datasheet HTML 21Page - Analog Devices AD9856 Datasheet HTML 22Page - Analog Devices AD9856 Datasheet HTML 23Page - Analog Devices AD9856 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
AD9856
Rev. C | Page 19 of 36
Continuous Mode Input Timing
The AD9856 is configured for continuous mode input timing
by writing the continuous mode bit true (Logic 1). The
continuous mode bit is in register address 01h, Bit 6. The
AD9856 must be configured for full-word input format when
operating in continuous mode input timing. The input data rate
equations described previously for full-word mode apply for
continuous mode. Figure 25, which is the alternate burst mode
timing diagram, is also the continuous mode input timing.
Figure 29 and Figure 30 show what the internal data assembler
presents to the signal processing logic when the TxENABLE
input is held static for greater than one input sample period.
Please note that the timing diagram shown in Figure 29 and
Figure 30 detail INCORRECT timing relationships between
TxENABLE and data. They are only presented to indicate that
the AD9856 resynchronizes properly after detecting a rising
edge of TxENABLE. Also note that the significant difference
between burst and continuous mode operation is that in
addition to synchronizing the data, TxENABLE is used to
indicate whether an I or Q input is being sampled.
Do not engage continuous mode simultaneously with the
REFCLK multiplier function. This corrupts the CIC inter-
polating filter, forcing unrecoverable mathematical overflow
that can only be resolved by issuing a RESET command. The
problem is due to the PLL failing to be locked to the reference
clock while nonzero data is being clocked into the interpolation
stages from the data inputs. The recommended sequence is to
first engage the REFCLK multiplier function (allowing at least
1 ms for loop stabilization) and then engage continuous mode
via software.
QN
IN+1
QN+1
IN+2
QN+2
IN+3
QN+3
IN+4
QN+4
IN+5
IN+1
IN
IN–1
IN+2
IN+3
TxENABLE
D(11:0)
INTERNAL I
INTERNAL Q
QN–1
QN
QN+3
QN+4
IN+4
Figure 29. Continuous Mode Input Timing—TxENABLE Static High (for illustrative purposes only)
QN
IN+1
QN+1
IN+2
QN+2
IN+3
QN+3
IN+4
QN+4
IN
QN+2
QN+1
IN
IN–1
IN+3
TxENABLE
D(11:0)
INTERNAL I
INTERNAL Q
QN–1
QN
QN+3
Figure 30. Continuous Mode Input Timing—TxENABLE Static Low (for illustrative purposes only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com