Electronic Components Datasheet Search
  English  ▼

X  

TC94A04AFD Datasheet(PDF) 17 Page - Toshiba Semiconductor

Part # TC94A04AFD
Description  1 CHIP AUDIO DIGITAL PROCESSOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC94A04AFD Datasheet(HTML) 17 Page - Toshiba Semiconductor

Back Button TC94A04AFD Datasheet HTML 13Page - Toshiba Semiconductor TC94A04AFD Datasheet HTML 14Page - Toshiba Semiconductor TC94A04AFD Datasheet HTML 15Page - Toshiba Semiconductor TC94A04AFD Datasheet HTML 16Page - Toshiba Semiconductor TC94A04AFD Datasheet HTML 17Page - Toshiba Semiconductor TC94A04AFD Datasheet HTML 18Page - Toshiba Semiconductor TC94A04AFD Datasheet HTML 19Page - Toshiba Semiconductor TC94A04AFD Datasheet HTML 20Page - Toshiba Semiconductor TC94A04AFD Datasheet HTML 21Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
TC94A04AF/AFD
2001-11-15
17
Command-43h (0100 0011): DOUT/AOUT (0080h
*)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
HSMP
0
0
SIOS
SOS
CHSO
1
CHSO
0
OSLT
1
OSLT
0
OBCS
1
OBCS
0
OFMT
1
OFMT
0
Bit
Name
Description
Value
Operation
D15
to
D13
Fixed to 0 (zero)
0
*
Normal rate
D12
HSMP
Switching high sampling of
analog output
1
High sampling rate
D11
D10
Fixed to 0 (zero)
0
*
Input
D9
SIOS
Switching input/output of
ELRI/O, EBCI/O pin
1
Output
0
*
Master (synchronizes with internal clock (output from EBLRI/O,
EBCI/O pin))
D8
SOS
Serial output
1
Slave (synchronizes with external clock (input from EBLR/O,
EBCI/O pin))
0
DOUT pin
← SIR0
1
DOUT pin
← SIR1
2
*
DOUT pin
← SIR2
D7
D6
CHSO
[1:0]
Serial output switching
3
Reserved
0
*
16 slots
1
20 slots
2
24 slots
D5
D4
OSLT
[1:0]
Number of serial input slots
3
32 slots
0
*
16 bits
1
18 bits
2
20 bits
D3
D2
OBCS
[1:0]
Serial output bit length
3
24 bits
0
*
Pads from the beginning
1
Pads from the end
2
D1
D0
OFMT
[1:0]
Serial output format
3
I2S format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com