Electronic Components Datasheet Search
  English  ▼

X  

TC94A04AFD Datasheet(PDF) 19 Page - Toshiba Semiconductor

Part # TC94A04AFD
Description  1 CHIP AUDIO DIGITAL PROCESSOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC94A04AFD Datasheet(HTML) 19 Page - Toshiba Semiconductor

Back Button TC94A04AFD Datasheet HTML 15Page - Toshiba Semiconductor TC94A04AFD Datasheet HTML 16Page - Toshiba Semiconductor TC94A04AFD Datasheet HTML 17Page - Toshiba Semiconductor TC94A04AFD Datasheet HTML 18Page - Toshiba Semiconductor TC94A04AFD Datasheet HTML 19Page - Toshiba Semiconductor TC94A04AFD Datasheet HTML 20Page - Toshiba Semiconductor TC94A04AFD Datasheet HTML 21Page - Toshiba Semiconductor TC94A04AFD Datasheet HTML 22Page - Toshiba Semiconductor TC94A04AFD Datasheet HTML 23Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
TC94A04AF/AFD
2001-11-15
19
Command-45h (0100 0101): MSEQ
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
0
0
0
0
0
0
0
MSA2
MSA1
MSA0
Bit
Name
Description
Value
Operation
D15
to
D3
Fixed to 0 (zero)
D2
to
D0
MSA
[2:0]
Module sequential RAM first
address
0h
to
7h
The address of the head to write in is set up.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
MSEQ
9
MSEQ
8
MSEQ
7
MSEQ
6
MSEQ
5
MSEQ
4
MSEQ
3
MSEQ
2
MSEQ
1
MSEQ
0
Bit
Name
Description
Value
Operation
D15
to
D10
Fixed to 0 (zero)
D9
to
D0
MSEQ
[9:0]
Module sequential RAM data
000h
to
3FFh
The data written in module sequence RAM are set up.
Data are sent continuously after transmitting the module sequence RAM head address (2 bytes).
Enable a sequential write to RAM.
45h-MSEQ RAM address (2 bytes)-data (2 bytes)-data (2 bytes)-・・・・・・・・・- data (2 bytes)
(module sequential RAM: 8 words)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com