Electronic Components Datasheet Search
  English  ▼

X  

TC94A04AFD Datasheet(PDF) 39 Page - Toshiba Semiconductor

Part # TC94A04AFD
Description  1 CHIP AUDIO DIGITAL PROCESSOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC94A04AFD Datasheet(HTML) 39 Page - Toshiba Semiconductor

Back Button TC94A04AFD Datasheet HTML 34Page - Toshiba Semiconductor TC94A04AFD Datasheet HTML 35Page - Toshiba Semiconductor TC94A04AFD Datasheet HTML 36Page - Toshiba Semiconductor TC94A04AFD Datasheet HTML 37Page - Toshiba Semiconductor TC94A04AFD Datasheet HTML 38Page - Toshiba Semiconductor TC94A04AFD Datasheet HTML 39Page - Toshiba Semiconductor TC94A04AFD Datasheet HTML 40Page - Toshiba Semiconductor TC94A04AFD Datasheet HTML 41Page - Toshiba Semiconductor TC94A04AFD Datasheet HTML 42Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
TC94A04AF/AFD
2001-11-15
39
Peripheral Circuit Example 2
The circuit below is an example circuit only. The operation of this circuit is not guaranteed by Toshiba.
4.7
µF (BP)
1 k
Ω
4.7
µF
2200 pF
1 k
Ω
4.7
µF
2200 pF
1 k
Ω
4.7
µF
2200 pF
1 k
Ω
4.7
µF
2200 pF
1 k
Ω
4.7
µF
2200 pF
1 k
Ω
4.7
µF
2200 pF
1 k
Ω
4.7
µF
2200 pF
1 k
Ω
4.7
µF
2200 pF
10
µF
10
µF
47
µF
47
µF
0.1
µF
36.8 MHz
2.2 M
Ω
4.7
µF (BP)
0.1
µF
0.1
µF
47
µF
47
µF
2200 pF
10 k
Ω
2200 pF
10 k
Ω
2200 pF
2200 pF
10 k
Ω
10 k
Ω
AOT1
(L1 out)
AOT2
(R1 out)
AOT3
(L2 out)
AOT4
(R2 out)
MCU I/F
TC94A04AFD
(top view)
Lch (LIN4)
Rch (RIN4)
Lch (LIN3)
Rch (RIN3)
Lch (LIN2)
Rch (RIN2)
Lch (LIN1)
Rch (RIN1)
OUTL
OUTR
47
µF
Analog VDD
Digital VDD
Digital GND
Analog GND
GND
+5 V
1
2
3
4
6
8
10
12
14
15
5
7
9
11
13
16
17
18
19
21
23
20
22
24
AI3
AO3
AOT3
VDA34
AOT4
AO4
GNDA4
VDDR
GNDR
SYNC
ELRI/O (O)
AI4
39
38
37
36
35
34
32
31
30
28
27
26
25
33
29
40
NC
NC
NC
NC
64
63
62
61
59
57
55
53
51
50
60
58
56
54
52
49
48
47
46
44
42
45
43
41
VRAR
VDALR
VRAL
GNDAL
RIN1
OUTR
OUTL
RIN2
RIN3
RIN4
LIN1
LIN2
LIN3
LIN4
NC
NC
66
67
68
69
70
71
73
74
75
77
78
79
80
72
76
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com