Electronic Components Datasheet Search
  English  ▼

X  

FMS6151 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FMS6151
Description  Ultra-Portable Video Filter Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6151 Datasheet(HTML) 5 Page - ON Semiconductor

  FMS6151 Datasheet HTML 1Page - ON Semiconductor FMS6151 Datasheet HTML 2Page - ON Semiconductor FMS6151 Datasheet HTML 3Page - ON Semiconductor FMS6151 Datasheet HTML 4Page - ON Semiconductor FMS6151 Datasheet HTML 5Page - ON Semiconductor FMS6151 Datasheet HTML 6Page - ON Semiconductor FMS6151 Datasheet HTML 7Page - ON Semiconductor FMS6151 Datasheet HTML 8Page - ON Semiconductor FMS6151 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6151 • Rev. 1.0.6
4
DC Electrical Characteristics
TA = 25°C, VCC = 2.7V, Rs = 37.5Ω, AC-coupled output into 150Ω load, SAG pin connected to VOUT pin,
unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
I
CC
Supply Current(1)
VCC= 2.7V, No Load
3.8
6.4
mA
V
IN
Video Input Voltage Range
Referenced to GND
1.2
Vpp
Vols
Output Level Shift(1)
VIN = 0V
50
200
350
mV
PSRR
Vols over power supply
VCC = 2.7V to 3.3V
40
dB
I
SH
Shut Down Current
25
nA
V
il
Disabled Logic Low(1)
0
0.8
V
V
ih
Enabled Logic High(1)
VCC*0.6
VCC
V
t
ON
Enable Time
1.5
μs
t
OFF
Disable Time
50
ns
AC Electrical Characteristics
TA = 25°C, VCC = 2.7V, Rs = 37.5Ω, AC-coupled output into 150Ω load, SAG pin connected to VOUT pin,
unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
A
V
Gain(1)
DC
6.0
6.2
6.4
dB
f
1dB
-1dB Bandwidth(1)
5.0
6.7
MHz
f
c
-3dB Bandwidth
8
MHz
f
SB
Attenuation(1) (Stopband Reject) 27MHz
40
47
dB
DG
Differential Gain
0.5
%
DP
Differential Phase
0.5
°
SNR
Signal-to-Noise Ratio
NTC-7 Weighting, 100kHz to 4.2MHz
78
dB
Note:
100% tested at 25°C.
1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com