Electronic Components Datasheet Search
  English  ▼

X  

FMS6151 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FMS6151
Description  Ultra-Portable Video Filter Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6151 Datasheet(HTML) 4 Page - ON Semiconductor

  FMS6151 Datasheet HTML 1Page - ON Semiconductor FMS6151 Datasheet HTML 2Page - ON Semiconductor FMS6151 Datasheet HTML 3Page - ON Semiconductor FMS6151 Datasheet HTML 4Page - ON Semiconductor FMS6151 Datasheet HTML 5Page - ON Semiconductor FMS6151 Datasheet HTML 6Page - ON Semiconductor FMS6151 Datasheet HTML 7Page - ON Semiconductor FMS6151 Datasheet HTML 8Page - ON Semiconductor FMS6151 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6151 • Rev. 1.0.6
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable
above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition,
extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute
maximum ratings are stress ratings only.
Parameter
Min.
Max.
Unit
DC Supply Voltage
-0.3
6.0
V
Analog and Digital I/O
-0.3
+V
CC +0.3
V
Maximum Output Current, Do Not Exceed
45
mA
Electrostatic Discharge
Protection Level
Human Body Model, JESD22-A114
6
kV
Charged Device Model, JESD22-C101
2
Reliability Information
Parameter
Min.
Typ.
Max.
Unit
Junction Temperature
+150
°C
Storage Temperature Range
-65
+150
°C
Thermal Resistance (
θ
JA), JDEC Standard, Multi-layer
Test Boards, Still Air
271
°C/W
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Parameter
Min.
Typ.
Max.
Unit
Operating Temperature Range
-40
+105
°C
Supply Voltage Range
2.5
2.7
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com