Electronic Components Datasheet Search
  English  ▼

X  

FMS6502 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FMS6502
Description  8-Input, 6-Output Video Switch Matrix
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6502 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FMS6502 Datasheet HTML 3Page - ON Semiconductor FMS6502 Datasheet HTML 4Page - ON Semiconductor FMS6502 Datasheet HTML 5Page - ON Semiconductor FMS6502 Datasheet HTML 6Page - ON Semiconductor FMS6502 Datasheet HTML 7Page - ON Semiconductor FMS6502 Datasheet HTML 8Page - ON Semiconductor FMS6502 Datasheet HTML 9Page - ON Semiconductor FMS6502 Datasheet HTML 10Page - ON Semiconductor FMS6502 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6502 Rev. 1.0.0
6
I2C BUS Characteristics
TA = 25°C, Vcc = 5V unless otherwise noted.
Note:
1. 100% tested at 25°C.
Figure 3. I2C Bus Timing
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Vil
Digital Input Low1
SDA,SCL,ADDR
0
1.5
V
Vih
Digital Input High1
SDA,SCL,ADDR
3.0
Vcc
V
fSCL
Clock Frequency
SCL
100
kHz
tr
Input Rise Time
1.5V to 3V
1000
ns
tf
Input Fall Time
1.5V to 3V
300
ns
tlow
Clock Low Period
4.7
µs
thigh
Clock High Period
4.0
µs
tSU,DAT
Data Set-up Time
300
ns
tHD,DAT
Data Hold Time
0
ns
tSU,STO
Set-up Time from Clock High to Stop
4
µs
tBUF
Start Set-up Time following a Stop
4.7
µs
tHD,STA
Start Hold Time
4
µs
tSU,STA
Start Set-up Time following Clock Low to High
4.7
µs
SDA
SCL
SDA
tBUF
tLOW
t
tHD,STA
tr
t
HD,DAT
t
HIGH
tSU,DAT
tSU,STO
tSU,STA
f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com