Electronic Components Datasheet Search
  English  ▼

X  

FMS6502 Datasheet(PDF) 9 Page - ON Semiconductor

Part # FMS6502
Description  8-Input, 6-Output Video Switch Matrix
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6502 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FMS6502 Datasheet HTML 5Page - ON Semiconductor FMS6502 Datasheet HTML 6Page - ON Semiconductor FMS6502 Datasheet HTML 7Page - ON Semiconductor FMS6502 Datasheet HTML 8Page - ON Semiconductor FMS6502 Datasheet HTML 9Page - ON Semiconductor FMS6502 Datasheet HTML 10Page - ON Semiconductor FMS6502 Datasheet HTML 11Page - ON Semiconductor FMS6502 Datasheet HTML 12Page - ON Semiconductor FMS6502 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6502 Rev. 1.0.0
8
Figure 6.
Acknowledgement on the I2C Bus
Acknowledge
The number of data bytes transferred between the start
and stop conditions from transmitter to receiver is unlim-
ited. Each byte of eight bits is followed by an acknowl-
edge bit. The acknowledge bit is a HIGH level signal put
on the bus by the transmitter while the master generates
an extra acknowledge-related clock pulse. The slave
receiver addressed must generate an acknowledge after
the reception of each byte. A master receiver must gen-
erate an acknowledge after the reception of each byte
clocked out of the slave transmitter.
The device that acknowledges must pull down the SDA
line during the acknowledge clock pulse so the SDA line
is stable LOW during the HIGH period of the acknowl-
edge-related clock pulse (set-up and hold times must be
taken into consideration). A master receiver must signal
an end of data to the transmitter by not generating an
acknowledge on the last byte clocked out of the slave. In
this event, the transmitter must leave the data line HIGH
to enable the master to generate a stop condition.
SCL FROM
MASTER
DATA OUTPUT
BY TRANSMITTER
DATA OUTPUT
BY RECEIVER
START
condition
12
89
clock pulse for
acknowledgement
I2C Bus Protocol
Before any data is transmitted on the I2C bus, the device
which is to respond is addressed first. The addressing is
always carried out with the first byte transmitted after the
start procedure. The I2C bus configuration for a data
write to the FMS6502 is shown in Figure 7.
Figure 7. Write Register Address to Pointer Register; Write Data to Selected Register
3.3V Operation
The FMS6502 operates from a single 3.3V supply. With
Vcc = 3.3V, the digital input low (Vil) is 0V to 1V and the
digital input high (Vih) is 1.8V to 2.9V.
A6
A5
A4
A3
A2
A1
A0
R/W
D7
D6
D5
D4
D3
D2
D1
D0
1
ACK. BY
FMS6502
ACK. BY
FMS6502
FRAME1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
FMS6502
FRAME 3
DATA BYTE
SCL
SDA
START BY
MASTER
STOP BY
MASTER
SCL(CONTINUED)
SDA(CONTINUED)
9
1
9
1
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com