Electronic Components Datasheet Search
  English  ▼

X  

FMS6502 Datasheet(PDF) 8 Page - ON Semiconductor

Part # FMS6502
Description  8-Input, 6-Output Video Switch Matrix
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6502 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FMS6502 Datasheet HTML 4Page - ON Semiconductor FMS6502 Datasheet HTML 5Page - ON Semiconductor FMS6502 Datasheet HTML 6Page - ON Semiconductor FMS6502 Datasheet HTML 7Page - ON Semiconductor FMS6502 Datasheet HTML 8Page - ON Semiconductor FMS6502 Datasheet HTML 9Page - ON Semiconductor FMS6502 Datasheet HTML 10Page - ON Semiconductor FMS6502 Datasheet HTML 11Page - ON Semiconductor FMS6502 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6502 Rev. 1.0.0
7
I2C Interface
Figure 4.
Bit Transfer
Operation
The I2C-compatible interface conforms to the I2C specifi-
cation for Standard Mode. Individual addresses may be
written, but there is no read capability. The interface con-
sists of two lines: a serial data line (SDA) and a serial
clock line (SCL). Both lines must be connected to a posi-
tive supply through an external resistor. Data transfer
may be initiated only when the bus is not busy.
Bit Transfer
One data bit is transferred during each clock pulse. The
data on the SDA line must remain stable during the
HIGH period of the clock pulse. Changes in the data line
during this time are interpreted as control signals.
Data line
stable;
data valid
SCL
SDA
Change
of data
allowed
Start and Stop conditions
Both data and clock lines remain HIGH when the bus is
not busy. A HIGH-to-LOW transition of the data line,
while the clock is HIGH, is defined as start condition (S).
A LOW-to-HIGH transition of the data line, while the
clock is HIGH, is defined as stop condition (P).
Figure 5. START and STOP conditions
SP
START condition
STOP condition
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com