Electronic Components Datasheet Search
  English  ▼

X  

AD7780 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7780
Description  24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7780 Datasheet(HTML) 1 Page - Analog Devices

  AD7780 Datasheet HTML 1Page - Analog Devices AD7780 Datasheet HTML 2Page - Analog Devices AD7780 Datasheet HTML 3Page - Analog Devices AD7780 Datasheet HTML 4Page - Analog Devices AD7780 Datasheet HTML 5Page - Analog Devices AD7780 Datasheet HTML 6Page - Analog Devices AD7780 Datasheet HTML 7Page - Analog Devices AD7780 Datasheet HTML 8Page - Analog Devices AD7780 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
24-Bit, Pin-Programmable,
Ultralow Power Sigma-Delta ADC
AD7780
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Pin-programmable filter response
Update rate: 10 Hz or 16.7 Hz
Pin-programmable in-amp gain
Pin-programmable power-down and reset
Status function
Internal clock oscillator
Internal bridge power-down switch
Current
115 μA typical (gain = 1)
330 μA typical (gain = 128)
Simultaneous 50 Hz/60 Hz rejection
Power supply: 2.7 V to 5.25 V
−40°C to +105°C temperature range
Independent interface power supply
Packages
14-lead, narrow body SOIC
16-lead TSSOP
2-wire serial interface (read-only device)
SPI compatible
Schmitt trigger on SCLK
APPLICATIONS
Weigh scales
Pressure measurement
Industrial process control
Portable instrumentation
FUNCTIONAL BLOCK DIAGRAM
G = 1
OR 128
24-BIT Σ-Δ
ADC
DOUT/RDY
GND AVDD
AIN(+)
AIN(–)
SCLK
DVDD
FILTER
REFIN(+)
GAIN
REFIN(–)
INTERNAL
CLOCK
AD7780
PDRST
BPDSW
Figure 1.
Table 1.
Parameter
Gain = 128
Gain = 1
Output Data Rate
10 Hz
16.7 Hz
10 Hz
16.7 Hz
RMS Noise
44 nV
65 nV
2.4 μV
2.7 μV
P-P Resolution
17.6
17.1
18.8
18.7
Settling Time
300 ms
120 ms
300 ms
120 ms
GENERAL DESCRIPTION
The AD7780 is a complete low power front-end solution for
bridge sensor products, including weigh scales, strain gages, and
pressure sensors. It contains a precision, low power, 24-bit sigma-
delta (Σ-Δ) ADC; an on-chip, low noise programmable gain
amplifier (PGA); and an on-chip oscillator.
Consuming only 330 μA, the AD7780 is particularly suitable for
portable or battery-operated products where very low power is
required. The AD7780 also has a power-down mode that allows
the user to switch off the power to the bridge sensor and power
down the AD7780 when not converting, thus increasing the
battery life of the product.
For ease of use, all the features of the AD7780 are controlled by
dedicated pins. Each time a data read occurs, eight status bits
are appended to the 24-bit conversion. These status bits contain
a pattern sequence that can be used to confirm the validity of
the serial transfer.
The on-chip PGA has a gain of 1 or 128, supporting a full-scale
differential input of ±5 V or ±39 mV. The device has two filter
response options. The filter response at the 16.7 Hz update rate
provides superior dynamic performance. The settling time is
120 ms at this update rate. At the 10 Hz update rate, the filter
response provides greater than −45 dB of stop-band attenuation.
In load cell applications, this stop-band rejection is useful to reject
low frequency mechanical vibrations of the load cell. The settling
time is 300 ms at this update rate. Simultaneous 50 Hz/60 Hz
rejection occurs at both the 10 Hz and 16.7 Hz update rates.
The AD7780 operates with a power supply from 2.7 V to 5.25 V.
It is available in a narrow body, 14-lead SOIC package and a 16-lead
TSSOP package.


Similar Part No. - AD7780

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7780 AD-AD7780 Datasheet
429Kb / 16P
24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC
REV. A
AD7780BRUZ AD-AD7780BRUZ Datasheet
429Kb / 16P
24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC
REV. A
AD7780BRUZ-REEL AD-AD7780BRUZ-REEL Datasheet
429Kb / 16P
24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC
REV. A
AD7780BRZ AD-AD7780BRZ Datasheet
429Kb / 16P
24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC
REV. A
AD7780BRZ-REEL AD-AD7780BRZ-REEL Datasheet
429Kb / 16P
24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC
REV. A
More results

Similar Description - AD7780

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7191 AD-AD7191 Datasheet
381Kb / 20P
Pin-Programmable, Ultralow Noise, 24-Bit, Sigma-Delta ADC for Bridge Sensors
REV. A
AD7780 AD-AD7780 Datasheet
429Kb / 16P
24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC
REV. A
AD7781 AD-AD7781 Datasheet
394Kb / 16P
20-Bit, Pin-Programmable, Low Power Sigma-Delta ADC
REV. 0
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
24-Bit Sigma-Delta ADC
logo
Analog Devices
AD7781 AD-AD7781_17 Datasheet
326Kb / 17P
20-Bit, Pin-Programmable Low Power Sigma-Delta ADC
23-Feb-2017
AD7190 AD-AD7190_17 Datasheet
679Kb / 41P
4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
23-Feb-2017
logo
Core Technology (Shenzh...
CS1231 CHIPSEA-CS1231 Datasheet
674Kb / 21P
24-bit Sigma-Delta ADC
CS1232 CHIPSEA-CS1232 Datasheet
685Kb / 23P
24-bit Sigma-Delta ADC
CS1237 CHIPSEA-CS1237 Datasheet
604Kb / 19P
24-bit Sigma-Delta ADC
CS1242 CHIPSEA-CS1242 Datasheet
709Kb / 29P
24-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com