Electronic Components Datasheet Search
  English  ▼

X  

AD7780 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7780
Description  24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7780 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7780 Datasheet HTML 7Page - Analog Devices AD7780 Datasheet HTML 8Page - Analog Devices AD7780 Datasheet HTML 9Page - Analog Devices AD7780 Datasheet HTML 10Page - Analog Devices AD7780 Datasheet HTML 11Page - Analog Devices AD7780 Datasheet HTML 12Page - Analog Devices AD7780 Datasheet HTML 13Page - Analog Devices AD7780 Datasheet HTML 14Page - Analog Devices AD7780 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AD7780
Rev. A | Page 10 of 16
OUTPUT NOISE AND RESOLUTION
Table 7 and Table 8 show the rms noise of the AD7780 for the two output data rates and gain settings when 3 V and 5 V references are used.
These numbers are typical and are generated using a differential input voltage of 0 V. The corresponding peak-to-peak (p-p) resolution is
also listed. The p-p resolution represents the resolution for which there is no code flicker.
Table 7. RMS Noise and Peak-to-Peak Resolution when AVDD = 3 V and VREF = 3 V
Parameter
Gain = 128
Gain = 1
Update Rate
10 Hz
16.7 Hz
10 Hz
16.7 Hz
RMS Noise
44 nV
65 nV
2.4 μV
2.7 μV
P-P Resolution
17.6
17.1
18.8
18.7
Table 8. RMS Noise and Peak-to-Peak Resolution when AVDD = 5 V and VREF = 5 V
Parameter
Gain = 128
Gain = 1
Update Rate
10 Hz
16.7 Hz
10 Hz
16.7 Hz
RMS Noise
49 nV
69 nV
3 μV
2.7 μV
P-P Resolution
18.2
17.7
19.3
19.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com