Electronic Components Datasheet Search
  English  ▼

X  

AD7780 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7780
Description  24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7780 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7780 Datasheet HTML 8Page - Analog Devices AD7780 Datasheet HTML 9Page - Analog Devices AD7780 Datasheet HTML 10Page - Analog Devices AD7780 Datasheet HTML 11Page - Analog Devices AD7780 Datasheet HTML 12Page - Analog Devices AD7780 Datasheet HTML 13Page - Analog Devices AD7780 Datasheet HTML 14Page - Analog Devices AD7780 Datasheet HTML 15Page - Analog Devices AD7780 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
AD7780
Rev. A | Page 11 of 16
THEORY OF OPERATION
01
100
80
60
40
20
INPUT SIGNAL FREQUENCY (Hz)
–1000
0
–20
–40
–60
–80
–100
20
The AD7780 is a low power ADC that incorporates a precision
24-bit, Σ-Δ modulator; a PGA; and an on-chip digital filter
intended for measuring wide dynamic range, low frequency
signals. The part provides a complete front-end solution for
bridge sensor applications such as weigh scales and pressure
sensors.
The device has an internal clock and one buffered differential
input. It offers a choice of two update rates (10 Hz or 16.7 Hz)
and two gain settings (1 or 128). These functions are controlled
using dedicated pins, which makes the interface easy to configure.
A 2-wire interface simplifies data retrieval from the AD7780.
FILTER, DATA RATE, AND SETTLING TIME
The AD7780 has two filter options. When the FILTER pin is low,
the 16.7 Hz filter is selected; when the FILTER pin is high, the
10 Hz filter is selected. When the polarity of FILTER is changed,
the AD7780 modulator and filter are reset immediately. DOUT/
RDY is set high, and the ADC then begins conversions using
the selected filter response. The first conversion requires the
complete settling time of the filter. Subsequent conversions occur
at the selected update rate. The settling time of the 10 Hz filter is
300 ms (three conversion cycles), and the settling time of the
16.7 Hz filter is 120 ms (two conversion cycles).
Figure 20. Filter Profile with Update Rate = 16.7 Hz (FILTER = 0)
01
100
80
60
40
20
INPUT SIGNAL FREQUENCY (Hz)
–1000
0
–20
–40
–60
–80
–100
20
When a step change occurs on the analog input, the AD7780
requires several conversion cycles to generate a valid conversion.
If the step change occurs synchronous to the conversion period, the
settling time of the AD7780 must be allowed to generate a valid
conversion. If the step change occurs asynchronous to the end
of a conversion, an extra conversion must be allowed to generate
a valid conversion. The data register is updated with all the con-
versions, but, for an accurate result, the user must allow for the
required time.
Figure 21. Filter Profile with Update Rate = 10 Hz (FILTER = 1)
Figure 20 and Figure 21 show the filter response for each filter.
The 10 Hz filter provides greater than −45 dB of rejection in the
stop band. The only external filtering required on the analog inputs
is a simple R-C filter to provide rejection at multiples of the master
clock. A 1 kΩ resistor in series with each analog input, a 0.01 μF
capacitor from each input to GND, and a 0.1 μF capacitor from
AIN(+) to AIN(−) are recommended.
When the filter is changed, DOUT/RDY goes high and remains
high until the appropriate settling time for that filter elapses
(see
). Therefore, the user should complete any read
operations before changing the filter. Otherwise, 1s are read
back from the AD7780 because the DOUT/
Figure 5
RDY pin is set high
following the filter change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com