Electronic Components Datasheet Search
  English  ▼

X  

VT6304 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # VT6304
Description  1394.A 4 PORT PHYSICAL LAYER CHIP
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6304 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button VT6304 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
VIA Technologies, Inc.
Preliminary VT6304
11
Delay
4
R
0
Worse case repeater delay, expressed as 144+(delay*20)ns.
Link_active
1
rw
1
Link enabled. Default value of one subsequent to a power reset. Otherwise
cleared or set by software to control the value of the L bit transmitted in the
self-ID packet. The transmitted L bit shall be the logical AND of this bit and
the LPS signal.
Contender
1
rw
Pin
C/LKO
N
Contender. Cleared or set by software to control the value of the C bit
transmitted in the self-ID packet.
Pwr_class
3
rw
Pin
PC0-
PC2
Power class. Controls the value of the pwr field transmitted in the self-ID
packet.
000 - Node does not need power and does not repeat power
001 - Node is self-powered and provides a minimum of 15 W to the
bus
010 - Node is self-powered and provides a minimum of 30 W to the
bus.
011 - Node is self-powered and provides a minimum of 45 W to the
bus
100 - Node may be powered from the bus and is using up to 1 W.
101 - Node is powered from the bus and is using up to 1 W. An
additional 2 W is needed to enable the link and higher layers.
110 - Node is powered form the bus and is using up to 1 W. An
additional 5 W is needed to enable the link and higher layers.
111 - Node is powered from the bus and is using up to 1 W. An
additional 9 W is needed to enable the link and higher layers.
Jitter
3
R
0
The difference between the fastest and slowest repeater data delay, expressed
as (jitter+1)*20ns
Resume_int
1
Rw
0
Resume interrupt enable. When set to one, the PHY shall set port_event to
one if resume operations commence for any port.
ISBR
1
rw
0
Initiate short (arbitrated) bus reset. A write of one to this bit instructs the
PHY to arbitrate and issue a short bus reset. This bit is self-clearing.
Loop
1
rw
0
Loop detect. A write of one to this bit clears it to zero.
Pwr_fail
1
rw
0
Cable power failure detect. Set to one when the PS bit changes from one to
zero. A write of one to this bit clears it to zero.
Timeout
1
rw
0
Arbitration state machine timeout. A write of one to this bit clears it to zero.
Port_event
1
rw
0
Port event detect. The PHY sets this bit to one if any of connected, Bias,
Disabled or Fault change for a port whose Int_enable bit is one. The PHY
also sets this bit to one if resume operations commence for any port and
Resume_int is one. A write of one to this bit clears it to zero.
Enab_accel
1
rw
0
Enable arbitration acceleration. When set to one, the PHY shall use the
enhancements specification in P1394A.
Enab_multi
1
rw
0
Enable multi-speed packet concatenation. When set to one, the Link shall
signal the speed of all packets to the PHY.
Page_select
3
rw
000
Selects which of eight possible PHY register pages are accessible through
the window at PHY register address 1000b through 1111b, inclusive.
Port_select
4
rw
0000
If the page selected by Page_select presents per port information, this field
selects which port’s registers are accessible through the window at PHY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com