Electronic Components Datasheet Search
  English  ▼

X  

VT6304 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # VT6304
Description  1394.A 4 PORT PHYSICAL LAYER CHIP
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6304 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button VT6304 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
VIA Technologies, Inc.
Preliminary VT6304
12
register addressed 1000b through 1111b, inclusive.
3.2. PHY REGISTER PAGE0: PORT STATUS PAGE
The port Status page is used to access configuration and status information for each of the
PHY’s port. The port is selected by writing zero to Page_select and the desired port number
to Port_select in the PHY register at address 0111.
0
1
2
3
4
5
6
7
1000b
AStat
BStat
Child
connected
Bias
Disabled
1001b
Negotiated_speed
Int_enable
Fault
1010b
1011b
1100b
1101b
1110b
1111b
3.3. PHY REGISTER PORT STATUS PAGE FIELDS
Size
Type
default
Description
Astat
2
r
-
TPA line State for the port
00 = invalid
01 =1
10 =0
11 =z
Bstat
2
r
-
(same encoding as Astat)
Child
1
r
-
If equal to one, the port is a child, else a parent. The meaning of this
bit is undefined from the time a bus reset is detected until the PHY
transitions to state T1:Child Handshake during the tree identify
process(see 4.4.2.2 in IEEE Std 1394-1995)
Conncted
1
r
0
If equal to one, the port is connected, else disconnected. The value
reported by this bit is filtered by hysteresis logic to reduce multiple
status changes caused by contact scrape when a connector is inserted
or removed.
Bias
1
r
-
If equal to one, bias voltage is detected( possible connection). The
value reported by this bit is filtered by hysteresis logic to reduce
multiple status changes caused by contact scrape when a connector is
inserted or removed.
Disabled
1
rw
0
When set to one, the port shall be disabled. The value of this bit
subsequent to a power reset is implementation-dependent, but should
be a strappable option.
Negotiated_sp
eed
3
r
-
Indicated the maximum speed negotiated between this PHY port and
its immediately connected port; the encoding is
000 – 98.304Mbit/s
001 - and 196.608 Mbit/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com