Electronic Components Datasheet Search
  English  ▼

X  

VT6304 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # VT6304
Description  1394.A 4 PORT PHYSICAL LAYER CHIP
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6304 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button VT6304 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 16Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 17Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 18Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 19Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
VIA Technologies, Inc.
Preliminary VT6304
16
5.3
DC Electrical characteristics
4.3.1
Link PHY Interface DC Specification
Unless otherwise noted, all test conditions ate as follows:
Table 1. DC Characteristics
Functional Operating Range (VREF = 5V±5%, VCC = 3.3V±0.3V, TCASE = 0
to +85
)
Symbol
Parameter
Min
Max
Unit
Notes
VIL1
Input Low Voltage
0.9
V
1
VIH1
Input High Voltage
2.4
V
1
VIL2
Input Low Voltage
1.1
V
1
VIH2
Input High Voltage
2.2
V
1
VIL3
Input Low Voltage
1.1
V
1
VIH3
Input High Voltage
2.2
V
1
VIL4
Input Low Voltage
0.9
V
1
VIH4
Input High Voltage
2.1
V
1
VOL1
Output Low Voltage
0.1Vcc
V
1
VOH1
Output High Voltage
0.9Vcc
V
1
VOL2
Output Low Voltage
0.1Vcc
V
1
VOH2
Output High Voltage
0.9Vcc
V
1
IOL1
Output Low Current
9.0
18.7
mA 1, @ VOL1
IOH1
Output High Current
8.2
16.2
mA 1, @ VOH1
IOL2
Output Low Current
8.5
17.8
mA 1, @ VOL2
IOH2
Output High Current
7.7
15.4
mA 1, @ VOH2
ILI1
Input Leakage Current
50
A
ILI2
Hi-Z State Data Line Leakage
50
A
(0V < VIN < 3.3 V)
CIN
Input Capacitance
12
pF
FC = 1MHz
COUT
Output Capacitance
12
pF
FC = 1MHz
CI/O
I/O Capacitance
12
pF
FC = 1MHz
NOTES:
1.
Refer to table 2 for the signals associated with this specification.
Table 2. DC Characteristic Signal Association (Sheet 1 of 2)
Symbol
Associated Signals
VIL1 / VIH1
**** Input Type 1 (1394) ****
CNA, CTL[0:1], D[0:7], LINKON, LREQ, SCLK
VIL2 / VIH2
**** Input Type 2 ****
CMC, ISO_, ONCT, PC[0:2], TSI, TSO
VIL3 / VIH3
**** Input Type 3 ****
LPS, PD
VIL4 / VIH4
**** Input Type 4 ****
RESET_
VOL1 / VOH1 **** Output Type 1 ****
CNA, CTL[0:1], D[0:7], LINKON, LREQ, SCLK
VOL2 / VOH2 **** Output Type 2 ****
CMC, ISO_, ONCT, PC[0:2], TSI, TSO
IOL1 / IOH1
**** Output Type 1 ****
CNA, CTL[0:1], D[0:7], LINKON, LREQ, SCLK
IOL2 / IOH2
**** Output Type 2 ****
CMC, ISO_, ONCT, PC[0:2], TSI, TSO
Table 3. DC Current Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com