Electronic Components Datasheet Search
  English  ▼

X  

ADM1060 Datasheet(PDF) 39 Page - Analog Devices

Part # ADM1060
Description  Communications System Supervisory/Sequencing Circuit
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1060 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADM1060 Datasheet HTML 35Page - Analog Devices ADM1060 Datasheet HTML 36Page - Analog Devices ADM1060 Datasheet HTML 37Page - Analog Devices ADM1060 Datasheet HTML 38Page - Analog Devices ADM1060 Datasheet HTML 39Page - Analog Devices ADM1060 Datasheet HTML 40Page - Analog Devices ADM1060 Datasheet HTML 41Page - Analog Devices ADM1060 Datasheet HTML 42Page - Analog Devices ADM1060 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
PROGRAMMING ADM1060
ADM1060
– 39 –
REV. PrJ 11/02
PRELIMINARY TECHNICAL DATA
If the operation is a write operation, the first data byte
after the slave address is a command byte. This tells the
slave device what to expect next. It may be an instruc-
tion such as telling the slave device to expect a block
write, or it may simply be a register address that tells
the slave where subsequent data is to be written.
Since data can flow in only one direction as defined by
the R/W bit, it is not possible to send a command to a
slave device during a read operation. Before doing a
read operation, it may first be necessary to do a write
operation to tell the slave what sort of read operation to
expect and/or the address from which data is to be read.
3. When all data bytes have been read or written, stop
conditions are established. In WRITE mode, the master
will pull the data line high during the 10th clock pulse
Figure 8a. General SMBus Write Timing Diagram
Figure 8b. General SMBus Read Timing Diagram
Figure 8c. Diagram for Serial Bus Timing
to assert a STOP condition. In READ mode, the mas-
ter device will release the SDA line during the low
period before the 9th clock pulse, but the slave device
will not pull it low. This is known as No Acknowledge.
The master will then take the data line low during the
low period before the 10th clock pulse, then high dur-
ing the 10th clock pulse to assert a STOP condition.
R/W
0
SCL
SDA
10
1
1
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
SLAVE
START BY
MASTER
FRAME 1
SLAVE
ADDRESS
FRAME 2
COMMAND
CODE
19
1
ACK. BY
SLAVE
9
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
SLAVE
STOP
BY
MASTER
FRAME N
DATA
BYTE
19
9
SCL
(CONTINUED
)
SDA
(CONTINUED
)
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
SLAVE
FRAME 3
DATA BYTE
1
R/W
0
SCL
SDA
10
1
1
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
MASTER
START BY
MASTER
FRAME 1
SLAVE
ADDRESS
FRAME 2
DATA
BYTE
19
1
ACK. BY
SLAVE
9
D7
D6
D5
D4
D3
D2
D1
D0
NO ACK.
STOP
BY
MASTER
FRAME N
DATA
BYTE
19
9
SCL
(CONTINUED
)
SDA
(CONTINUED
)
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
MASTER
FRAME 3
DATA BYTE
1
P
S
S
P
tHD;ST
A
tHD;DA
T
tHIG
H
tSU;DA
T
tSU;STA
tSU;ST
O
tLO
W
tR
tF
tHD;ST
A
SCL
SDA
tBUF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com