Electronic Components Datasheet Search
  English  ▼

X  

ADM1060 Datasheet(PDF) 13 Page - Analog Devices

Part # ADM1060
Description  Communications System Supervisory/Sequencing Circuit
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1060 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM1060 Datasheet HTML 9Page - Analog Devices ADM1060 Datasheet HTML 10Page - Analog Devices ADM1060 Datasheet HTML 11Page - Analog Devices ADM1060 Datasheet HTML 12Page - Analog Devices ADM1060 Datasheet HTML 13Page - Analog Devices ADM1060 Datasheet HTML 14Page - Analog Devices ADM1060 Datasheet HTML 15Page - Analog Devices ADM1060 Datasheet HTML 16Page - Analog Devices ADM1060 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
ADM1060 INPUTS
ADM1060
– 13 –
REV. PrJ 11/02
PRELIMINARY TECHNICAL DATA
POSITIVEVOLTAGE SUPPLY FAULT DETECT (PSNSFD) REGISTERS
TABLE 13. REGISTER B8H,C0H,C8H,D0H
PSNOVTH (POWER- ON DEFAULT FFH)
Bit
Name
R/W
Description
7-0
O V 7 - O V 0
R / W
8 bit digital value for overvoltage threshold on PSn SFD.
TABLE 14. REGISTER B9H,C1H,C9H,D1H PSnOVHYST (POWER- ON DEFAULT 00H)
Bit
Name
R/W
Description
7-5
Reserved
N/A
Cannot be used
4-0
HY4-HY0
R / W
5 bit digital value for hysteresis on OV threshold of PSn SFD
TABLE 15. REGISTER BAH,C2H,CAH,D2H
PSnUVTH (POWER- ON DEFAULT 00H)
Bit
Name
W
Description
7-0
UV7-UV0
R / W
8 bit digital value for undervoltage threshold on PSn SFD
TABLE 16. REGISTER BBH,C3H,CBH,D3H PSnUVHYST (POWER- ON DEFAULT 00H)
Bit
Name
W
Description
7-5
Reserved
N/A
Cannot be used
4-0
HY4-HY0
R / W
5 bit digital value for hysteresis on UV threshold of PSn SFD
TABLE 17. REGISTER BCH,C4H,CCH,D4H
PSnSEL (POWER- ON DEFAULT 00H)
Bit
Name
R/W
Description
7
Reserved
N/A
Cannot be used
6-4
GF2-GF0
R / W
GF2
GF1
GF0
Glitch Filter Delay ( s)
0000
0015
01010
01120
10030
10150
11075
111100
3-2
RSEL1-RESL0
R / W
RSEL1
RSEL0
Bottom of
Top of
Step Size (mV)
Range
Range
0
0
2 V
6 V
15.6
011 V
3 V
7.8
1
X
0.6V
1.8V
4.7
1-0
FS1-FS0
R / W
FS1
FS0
Fault Select Type
0
0
Overvoltage
0
1
Undervoltage
1
0
Out-of-Window
1
1
Not Allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com