Electronic Components Datasheet Search
  English  ▼

X  

ADM1060 Datasheet(PDF) 2 Page - Analog Devices

Part # ADM1060
Description  Communications System Supervisory/Sequencing Circuit
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1060 Datasheet(HTML) 2 Page - Analog Devices

  ADM1060 Datasheet HTML 1Page - Analog Devices ADM1060 Datasheet HTML 2Page - Analog Devices ADM1060 Datasheet HTML 3Page - Analog Devices ADM1060 Datasheet HTML 4Page - Analog Devices ADM1060 Datasheet HTML 5Page - Analog Devices ADM1060 Datasheet HTML 6Page - Analog Devices ADM1060 Datasheet HTML 7Page - Analog Devices ADM1060 Datasheet HTML 8Page - Analog Devices ADM1060 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
ADM1060
–2–
REV. PrJ 11/02
PRELIMINARY TECHNICAL DATA
FEATURES
Faults detected on 7 independent supplies
• 1 High Voltage supply (up to 14.4V)
• 4 Positive Voltage Only Supplies (up to 6V)
• 2 Positive/Negative Voltage supplies (up to +6V OR
down to -6V)
Watchdog Detector Input- Timeout delay programmable
from 200ms to 12.8sec
4 General Purpose Logic Inputs
Programmable Logic Block- combinatorial and sequenc-
ing logic control of all inputs and outputs
9 Programmable Output Drivers
• Open Collector (external resistor required)
• Open Collector with internal pull-up to VDD
• Fast Internal pull-up to VDD
• Open Collector with internal pull-up to VPn
• Fast Internal pull-up to VPn
• Internally charge pumped high drive (for use with
external N- channel FETS- PDO’s 1 to 4 only)
EEPROM- 512 Bytes
Industry Standard 2- Wire Bus Interface (SMBus)
Guaranteed PDO Low with VPn, VH=1V
APPLICATIONS
Central Office Systems
Servers
Infrastructure Network Boards
High density, multi- voltage system cards
GENERAL DESCRIPTION
The ADM1060 is a programmable supervisory/sequencing
device which offers a single chip solution for multiple
power supply fault detection and sequencing in communi-
cations systems.
In central office, servers and other infrastructure systems,
a common backplane dc supply is reduced to multiple
board supplies using dc/dc converters.
These multiple
supplies are used to power different sections of the board
(eg) 3.3V Logic circuits, 5V logic circuits, DSP core and
I/O circuits etc.
There is usually a requirement that cer-
tain sections power up before others (eg) a DSP core to
power up before the DSP I/O or vice versa. This is in
order to avoid damage, miscommunication or latch- up.
The ADM1060 facilitates this, providing supply fault
detection and sequencing/combinatorial logic for up to 7
independent supplies. The 7 Supply Fault Detectors con-
sist of one high voltage detector (up to +14.4V), two bi-
polar voltage detectors (up to +6V OR down to -6V) and
4 positive low voltage detectors (up to +6V).
All of the
detectors can be programmed to detect undervoltage, ov-
ervoltage or out- of window (undervoltage OR overvolt-
age) conditions.
The inputs to these Supply Fault
Detectors are via the VH pin (High Voltage), VBn pins
(positive OR negative) and VPn pins (Positive only) pins
respectively.
Either the VH supply or one of the VPn
supplies is used to power the ADM1060 (whichever is
highest).
This ensures that, in the event of a supply fail-
ure, the ADM1060
is kept alive for as long as possible,
thus enabling a reliable fault flag to be asserted and the
system to be powered down in an ordered fashion.
Other inputs to the ADM1060 include a Watchdog Detec-
tor (WDI) and 4 General Purpose Inputs (GPIn).
The
Watchdog Detector can be used to monitor a processor
clock.
If the clock does not toggle (transition from low to
high or from high to low) within a programmable timeout
period (up to 18 sec.), a fail flag will assert. The 4 Gen-
eral Purpose inputs can be configured as logic buffers or
to detect positive/negative edges and to generate a logic
pulse or level from those edges.
Thus, the user can input
control signals from other parts of their system (eg RE-
SET or POWER_GOOD) to gate the sequencing of the
supplies supervised by the ADM1060.
The ADM1060 features 9 Programmable Driver Outputs
(PDO’s).
All 9 outputs can be configured to be logic
outputs, which can provide multiple functions for the end
user such as RESET generation, POWER_GOOD status,
enabling of LDO’s, Watchdog Timeout assertion etc.
PDO’s 1- 4 have the added feature of being able to pro-
vide an internally charge pumped high voltage for use as
the gate drive of an external N- Channel FET which
could be placed in the path of one of the supplies being
supervised.
All of the inputs and outputs described above are con-
trolled by the Programmable Logic Block Array.
This is
the logic core of the ADM1060.
It is comprised of 9
macrocells, one for each PDO.
These macrocells are
essentially just wide AND gates.
Any/all of the inputs can
be used as an input to these macrocells. The output of a
macrocell can also be used as an input to any macrocell
other than itself (an input to itself would result in a no-
terminating loop).
The PLBA outputs control the PDO’s
of the ADM1060 via delay blocks, where a delay of be-
tween 0 and 500ms can be programmed on the rising and/
or the falling edge of the data. This results in a very flex-
ible sequencing ability.
Thus, for instance, PDO1 can be
programmed so that it will not assert until, say, VP2,
VP3and VP4 supplies are in tolerance, VB1 and VH have
been in tolerance for 200mS, and PDO7 has already been
asserted.
A simple sequencing operation would be to
daisy chain each PLB output into the input of the next
PLB such that PDO9 doesn’t assert until PDO8 asserts,
which in turn doesn’t assert until PDO7 asserts etc.
All of the functional capability described here is program-
mable through the industry standard 2 wire bus (SMBus)
provided.
Device settings can be written to EEPROM
memory for automatic programming of the device on
power-up.
The EEPROM is organised in 512 bytes, half
of which are used to program all of the functions on the
ADM1060.
The other 256 bytes of EEPROM are for
general purpose system use (eg) date codes, system ID etc.
Read/write access to this is also via the 2 wire interface.
In addition, each output state can be directly overdriven
from the serial interface, allowing a further level of con-
trol (eg) a system controlled soft powerdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com