Electronic Components Datasheet Search
  English  ▼

X  

BYW80-200 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BYW80-200
Description  HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW80-200 Datasheet(HTML) 1 Page - STMicroelectronics

  BYW80-200 Datasheet HTML 1Page - STMicroelectronics BYW80-200 Datasheet HTML 2Page - STMicroelectronics BYW80-200 Datasheet HTML 3Page - STMicroelectronics BYW80-200 Datasheet HTML 4Page - STMicroelectronics BYW80-200 Datasheet HTML 5Page - STMicroelectronics BYW80-200 Datasheet HTML 6Page - STMicroelectronics BYW80-200 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
BYW80F/FP-200
®
January 2002 - Ed: 3G
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
TO-220AC
BYW80-200
s
Suited for SMPS
s
Very low forward losses
s
Negligible switching losses
s
High surge current capability
s
Insulated packages:
ISOWATT220AC / TO-220FPAC:
Insulation voltage = 2000 V DC
Capacitance = 12 pF
FEATURES
Single chip rectifier suited for Switch Mode Power
Supplies and high frequency DC to DC converters.
Packaged in TO-220AC, ISOWATT220AC and
TO-220FPAC this device is intended for use in low
voltage, high frequency inverters, free wheeling
and polarity protection applications.
DESCRIPTION
ISOWATT220AC
BYW80F-200
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
IF(RMS)
RMS forward current
20
A
IF(AV)
Average forward current
δ = 0.5
TO-220AC
Tc=120°C
10
A
ISOWATT220AC
TO-220FPAC
Tc=95°C
10
IFSM
Surge non repetitive forward current
tp=10ms
sinusoidal
100
A
Tstg
Storage and junction temperature range
- 65 to + 150
°C
Tj
Maximum operating temperature range
+ 150
°C
ABSOLUTE MAXIMUM RATINGS
K
A
K
A
K
A
TO-220FPAC
BYW80FP-200
IF(AV)
20 A
VRRM
200 V
Tj (max)
150°C
VF (max)
0.85 V
trr (max)
35 ns
MAIN PRODUCTS CHARACTERISTICS


Similar Part No. - BYW80-200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYW80-200 STMICROELECTRONICS-BYW80-200 Datasheet
73Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
logo
Microsemi Corporation
BYW80-200 MICROSEMI-BYW80-200 Datasheet
137Kb / 3P
RECTIFIERS
logo
ON Semiconductor
BYW80-200 ONSEMI-BYW80-200 Datasheet
59Kb / 4P
SWITCHMODE TM Power Rectifiers
August, 2005 ??Rev. 2
logo
STMicroelectronics
BYW80-200 STMICROELECTRONICS-BYW80-200 Datasheet
361Kb / 7P
Negligible switching losses
Jan-2002
logo
ON Semiconductor
BYW80-200 ONSEMI-BYW80-200 Datasheet
158Kb / 5P
SWITCHMODE Power Rectifiers
June, 2008 - Rev. 3
More results

Similar Description - BYW80-200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYV255V STMICROELECTRONICS-BYV255V Datasheet
56Kb / 5P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
May-2000
BYV52 STMICROELECTRONICS-BYV52 Datasheet
70Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
BYV54V STMICROELECTRONICS-BYV54V Datasheet
56Kb / 5P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
May-2000
BYW77P-200 STMICROELECTRONICS-BYW77P-200 Datasheet
68Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Insulatingvoltage
BYW80-200 STMICROELECTRONICS-BYW80-200 Datasheet
73Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
BYW80PI-200 STMICROELECTRONICS-BYW80PI-200 Datasheet
55Kb / 5P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
BYW99P STMICROELECTRONICS-BYW99P Datasheet
78Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
SMBYW02-200 STMICROELECTRONICS-SMBYW02-200 Datasheet
69Kb / 5P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
logo
Shenzhen Taychipst Elec...
BYW98-200 TAYCHIPST-BYW98-200 Datasheet
965Kb / 2P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
logo
STMicroelectronics
BYW51-200 STMICROELECTRONICS-BYW51-200 Datasheet
160Kb / 9P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Aug-2002
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com