Electronic Components Datasheet Search
  English  ▼

X  

BYW80-200 Datasheet(PDF) 4 Page - STMicroelectronics

Part # BYW80-200
Description  HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW80-200 Datasheet(HTML) 4 Page - STMicroelectronics

  BYW80-200 Datasheet HTML 1Page - STMicroelectronics BYW80-200 Datasheet HTML 2Page - STMicroelectronics BYW80-200 Datasheet HTML 3Page - STMicroelectronics BYW80-200 Datasheet HTML 4Page - STMicroelectronics BYW80-200 Datasheet HTML 5Page - STMicroelectronics BYW80-200 Datasheet HTML 6Page - STMicroelectronics BYW80-200 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BYW80F/FP-200
4/7
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
IM(A)
Tc=25
C
o
Tc=50 C
o
Tc=95 C
o
IM
t
=0.5
t(s)
Fig. 7: Non repetitive surge peak forward current
versus overload duration (ISOWATT220AC /
TO-220FPAC)
0
20406080
100
120
140
160
0
1
2
3
4
5
6
7
8
9
10
11
12
o
Tamb( C)
Rth(j-a)=15
C/W
o
Rth(j-a)=Rth(j-c)
T
=tp/T
tp
=0.5
F(av)(A)
I
Fig. 8: Average current versus ambient tempera-
ture (duty cycle : 0.5) (TO-220AC)
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
7
8
9
10
11
12
o
Tamb( C)
Rth(j-a)=15
C/W
o
Rth(j-a)=Rth(j-c)
T
=tp/T
tp
=0.5
F(av)(A)
I
Fig. 9: Average current versus ambient tempera-
ture
(duty
cycle:
0.5)
(ISOWATT220AC
/
TO-220FPAC)
C(pF)
VR(V)
Fig. 10: Junction capacitance versus reverse volt-
age applied (Typical values)
QRR(nC)
90% CONFIDENCE
Tj=125
C
o
IF=IF(av)
dIF/dt(A/us)
Fig. 11: Recovery charges versus dIF/dt.
I RM(A)
90% CONFIDENCE
Tj=125
C
o
IF=IF(av)
dIF/dt(A/us)
Fig. 12: Peak reverse current versus dIF/dt.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com