Electronic Components Datasheet Search
  English  ▼

X  

BYW80-200 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BYW80-200
Description  HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW80-200 Datasheet(HTML) 3 Page - STMicroelectronics

  BYW80-200 Datasheet HTML 1Page - STMicroelectronics BYW80-200 Datasheet HTML 2Page - STMicroelectronics BYW80-200 Datasheet HTML 3Page - STMicroelectronics BYW80-200 Datasheet HTML 4Page - STMicroelectronics BYW80-200 Datasheet HTML 5Page - STMicroelectronics BYW80-200 Datasheet HTML 6Page - STMicroelectronics BYW80-200 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BYW80F/FP-200
3/7
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
0
25
50
75
100
125
150
175
200
P=5W
T
I
M
=tp/T
tp
IM(A)
P=10W
P=15W
Fig. 2: Peak current versus form factor
0.1
1
10
100
Tj=125 C
o
IFM(A)
VFM(V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Fig. 3: Forward voltage drop versus forward cur-
rent (maximum values)
0.1
1.0
0.2
0.5
Zth(j-c) (tp.
)
K=
Rth(j-c)
=0 . 5
=0. 2
=0. 1
Single pulse
tp(s)
T
=tp/T
tp
1.0E-03
1.0E-02
1.0E-01
1.0E+00
K
Fig. 4: Relative variation of thermal impedance
junction to case versus pulse duration (TO-220AC)
01
23456789 10 11 12 13 14
0
2
4
6
8
10
12
14
=0.05
=0.1
=0.2
=0.5
=1
T
=tp/T
tp
IF(av)(A)
PF(av)(W)
Fig. 1: Average forward power dissipation versus
average forward current
0.2
0.4
0.6
0.8
1
=0 .5
=0. 2
=0. 1
Single pulse
tp(s)
Zth(j-c) (tp.
)
K=
Rth(j-c)
0
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
K
T
=tp/T
tp
Fig. 5: Relative variation of thermal impedance
junction to case versus pulse duration.
(ISOWATT220AC / TO-220FPAC)
0.001
0.01
0.1
1
0
10
20
30
40
50
60
70
80
90
100
IM(A)
Tc=25
C
o
Tc=75
C
o
Tc=120
C
o
IM
t
=0.5
t(s)
Fig. 6: Non repetitive surge peak forward current
versus overload duration (TO-220AC)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com