Electronic Components Datasheet Search
  English  ▼

X  

MOC8021 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MOC8021
Description  Optocoupler, Photodarlington Output, High Gain
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MOC8021 Datasheet(HTML) 1 Page - Vishay Siliconix

  MOC8021 Datasheet HTML 1Page - Vishay Siliconix MOC8021 Datasheet HTML 2Page - Vishay Siliconix MOC8021 Datasheet HTML 3Page - Vishay Siliconix MOC8021 Datasheet HTML 4Page - Vishay Siliconix MOC8021 Datasheet HTML 5Page - Vishay Siliconix MOC8021 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
IL55B/ 56B/ MOC8021
Document Number 83637
Rev. 1.5, 26-Oct-04
Vishay Semiconductors
www.vishay.com
1
i179013
NC
C
E
A
C
NC
1
2
3
6
5
4
Pb
Pb-free
e3
Optocoupler, Photodarlington Output, High Gain
Features
• High collector-emitter breakdown voltage, 80 V
minimum
• High isolation resistance, 1011
Ω typical
• Standard plastic DIP Package
• No base terminal connection for improved com-
mon mode interface immunity
• Lead-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Agency Approvals
• UL1577, File No. E52744 System Code H or J,
Double Protection
• DIN EN 60747-5-2 (VDE0884)
DIN EN 60747-5-5 pending
Available with Option 1
Description
The IL5xB and MOC8021 are optically coupled isola-
tors with a gallium arsenide infrared LED and a silicon
photodarlington sensor. Switching can be achieved
while maintaining a high degree of isolation between
driving and load circuits. These optocouplers can be
used to replace reed and mercury relays with advan-
tages of long life, high speed switching and elimina-
tion of magnetic fields.
Order Information
For additional information on the available options refer to
Option Information.
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Part
Remarks
IL55B
CTR > 500 %, DIP-6
IL56B
CTR > 1000 %, DIP-6
MOC8021
CTR > 1000 %, DIP-6
IL55B-X006
CTR > 500 %, SMD-6 (option 7)
IL55B-X009
CTR > 500 %, SMD-6 (option 9)
IL55B-X007
CTR > 500 %, SMD-6 (option 7)
Parameter
Test condition
Symbol
Value
Unit
Peak reverse voltage
VR
3.0
V
Forward continuous current
IF
60
mA
Power dissipation
Pdiss
100
mW
Derate linearly from 55 °C
1.33
mW/°C


Similar Part No. - MOC8021

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC8021 MOTOROLA-MOC8021 Datasheet
271Kb / 6P
6-Pin DIP Optoisolators Darlington Ouput(No Base Connection)
logo
Fairchild Semiconductor
MOC8021 FAIRCHILD-MOC8021 Datasheet
66Kb / 5P
PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
MOC8021 FAIRCHILD-MOC8021 Datasheet
393Kb / 7P
PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
logo
ISOCOM COMPONENTS
MOC8021 ISOCOM-MOC8021 Datasheet
395Kb / 4P
NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
logo
Fairchild Semiconductor
MOC8021M FAIRCHILD-MOC8021M Datasheet
259Kb / 9P
Photodarlington Optocoupler (No Base Connection)
More results

Similar Description - MOC8021

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
H11B1 VISHAY-H11B1 Datasheet
118Kb / 7P
Optocoupler, Photodarlington Output, High Gain, With Base Connection
26-Oct-04
SFH619A VISHAY-SFH619A_08 Datasheet
113Kb / 7P
Optocoupler, Photodarlington Output, High Gain, 300 BVCEO
25-Jan-08
MCA230 VISHAY-MCA230 Datasheet
118Kb / 6P
Optocoupler, Photodarlington Output, High Gain, with Base Connection
09-Jan-08
ILQ32 VISHAY-ILQ32_11 Datasheet
183Kb / 6P
Optocoupler, Photodarlington Output, High Gain (Quad Channel)
24-May-11
SFH619A VISHAY-SFH619A Datasheet
134Kb / 6P
Optocoupler, Photodarlington Output, High Gain, 300 V
13-Jan-12
TCED2100 VISHAY-TCED2100_V01 Datasheet
155Kb / 8P
Optocoupler, Photodarlington Output, Dual Channel, High Gain
16-May-08
ILQ32 VISHAY-ILQ32_V02 Datasheet
180Kb / 6P
Optocoupler, Photodarlington Output, High Gain (Quad Channel)
24-May-11
SFH619A VISHAY-SFH619A_V02 Datasheet
202Kb / 10P
Optocoupler, Photodarlington Output, High Gain, 300 V BVCEO
18-Feb-2019
TCED2100 VISHAY-TCED2100_V02 Datasheet
155Kb / 8P
Optocoupler, Photodarlington Output, Dual Channel, High Gain
16-May-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com